Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604PFF0VLL7R Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC5604PFF0VLL7R
Description  microcontroller units (MCUs)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604PFF0VLL7R Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC5604PFF0VLL7R Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
MPC5604P Microcontroller Data Sheet, Rev. 5
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
9
2.2.2
System Pins
Table 3 and Table 4 contain information on pin functions for the MPC5604P devices. The pins listed in Table 3 are
single-function pins. The pins shown in Table 4 are multi-function pins, programmable via their respective Pad Configuration
Register (PCR) values.
Power supply pins (1.2 V). All pins available on 100-pin and 144-pin package.
VDD_LV_COR0
1.2 V Decoupling pins for core logic supply. Decoupling
capacitor must be connected between these pins and the
nearest VSS_LV_COR0 pin.
12
18
VSS_LV_COR0
1.2 V Decoupling pins for core logic GND. Decoupling
capacitor must be connected between these pins and the
nearest VDD_LV_COR0 pin.
11
17
VDD_LV_COR1
1.2 V Decoupling pins for core logic supply. Decoupling
capacitor must be connected between these pins and the
nearest VSS_LV_COR1 pin.
65
93
VSS_LV_COR1
1.2 V Decoupling pins for core logic GND. Decoupling
capacitor must be connected between these pins and the
nearest VDD_LV_COR1 pin.
66
94
VDD_LV_COR2
1.2 V Decoupling pins for core logic supply. Decoupling
capacitor must be connected between these pins and the
nearest VSS_LV_COR2 pin.
92
131
VSS_LV_COR2
1.2 V Decoupling pins for core logic GND. Decoupling
capacitor must be connected between these pins and the
nearest VDD_LV_COR 2pin.
93
132
VDD_LV_COR3
1.2 V Decoupling pins for core logic supply. Decoupling
capacitor must be connected between these pins and the
nearest VSS_LV_COR3 pin.
25
36
VSS_LV_COR3
1.2 V Decoupling pins for core logic GND. Decoupling
capacitor must be connected between these pins and the
nearest VDD_LV_COR 3 pin.
24
35
1 See Section 3.6.1, “Voltage regulator electrical characteristics for more details
2 Analog supply/ground and high/low reference lines are internally physically separate, but are shorted via a
double-bonding connection on VDD_HV_ADx/VSS_HV_ADx pins.
3 Not available on 100-pin package
Table 2. Supply pins (continued)
Supply
Pin
Symbol
Description
100-pin
144-pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com