Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604PFF0VLQ7R Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MPC5604PFF0VLQ7R
Description  microcontroller units (MCUs)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604PFF0VLQ7R Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MPC5604PFF0VLQ7R Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 84 page
background image
MPC5604P Microcontroller Data Sheet, Rev. 5
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
35
3.6.2
Voltage monitor electrical characteristics
The device implements a Power On Reset module to ensure correct power-up initialization, as well as three low voltage
detectors to monitor the VDD and the VDD_LV voltage while device is supplied:
•
POR monitors VDD during the power-up phase to ensure device is maintained in a safe reset state
Table 13. Voltage regulator electrical characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD_LV_REGCOR
P Output voltage under maximum load
run supply current configuration
Post-trimming
1.145
—
1.4
V
RB
SR External Resistance on BJT base
—
18
—
22
k
Ω
CDEC1
SR External decoupling/stability ceramic
capacitor
Bipolar BCP68 or
BCX68 or BC817.
Three capacitances of
10uF
19.5
30
—
µF
Bipolar BC817.
One capacitance of
22uF
14.3
22
—
µF
RREG
SR Resulting ESR of all four CDEC1
absolute maximum
value between 100 kHz
and 10 MHz
——
45
m
Ω
CDEC2
SR External decoupling/stability ceramic
capacitor
4 capacitances of
440 nF each
1760
1200
—
nF
CDEC3
SR External decoupling/stability ceramic
capacitor on VDD_HV_REG
2 capacitances of 10 µF
each
2
× 10
—
—
µF
Table 14. Voltage regulator electrical characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD_LV_REGCOR
P Output voltage under maximum load
run supply current configuration
Post-trimming
1.145
—
1.4
V
RB
SR External Resistance on BJT base
—
18
—
22
k
Ω
CDEC1
SR External decoupling/stability ceramic
capacitor
Bipolar BCP68 or
BCX68 or BC817.
Three capacitances of
10uF
19.5
30
—
µF
Bipolar BC817.
One capacitance of
22uF
14.3
22
—
µF
RREG
SR Resulting ESR of all four CDEC1
absolute maximum
value between 100 kHz
and 10 MHz
——
45
m
Ω
CDEC2
SR External decoupling/stability ceramic
capacitor
4 capacitances of
440 nF each
1760
1200
—
nF
CDEC3
SR External decoupling/stability ceramic
capacitor on VDD_HV_REG
2 capacitances of 10 µF
each
2
× 10
—
—
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com