Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604PFF0VLQ7R Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPC5604PFF0VLQ7R
Description  microcontroller units (MCUs)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604PFF0VLQ7R Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC5604PFF0VLQ7R Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
MPC5604P Microcontroller Data Sheet, Rev. 5
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
39
3.8
DC electrical characteristics
3.8.1
NVUSRO register
Portions of the MPC5604P device configuration (that is, high voltage supply, oscillator margin, and watchdog enable/disable
after reset) are controlled via bit values in the NVUSRO register. NVUSRO[PAD3V5V] controls the device configuration as
follows:
The DC electrical characteristics in the following sections are dependent on the PAD3V5V value as described above.
3.8.2
DC electrical characteristics (5 V)
Table 17 gives the DC electrical characteristics at 5 V (4.5 V < VDD_HV_IOx < 5.5 V, NVUSRO[PAD3V5V]=0) as described in
Figure 13.
Figure 13. I/O input DC electrical characteristics definition
Table 16. NVUSRO[PAD3V5V] field description1
1 See the MPC5604P Reference Manual for more information on the NVUSRO register.
Value2
2 Default manufacturing value before flash initialization is '1' (3.3 V).
Description
0
High Voltage supply is 5.0 V
1
High Voltage supply is 3.3 V
VIL
VIN
VIH
PDIx = ‘1’
VDD
VHYS
(GPDI register of SIUL)
PDIx = ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com