Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604PFF0VLQ7R Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MPC5604PFF0VLQ7R
Description  microcontroller units (MCUs)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604PFF0VLQ7R Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPC5604PFF0VLQ7R Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 84 page
background image
MPC5604P Microcontroller Data Sheet, Rev. 5
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
78
5
Ordering Information
Table 39 shows the orderable part numbers for the MPC5604P series.
Commercial product code structure
Table 39. Orderable Part Number Summary
Part Number
Code Flash /
Data Flash (EE)
(KB)
SRAM (KB)
Package
Characteristics
MPC5604PEFMLQ
512 / 64
40
144 LQFP
FlexRay
MPC5604PEFMLL
512 / 64
40
100 LQFP
FlexRay
MPC5603PEFMLQ
384 / 64
36
144 LQFP
FlexRay
MPC5603PEFMLL
384 / 64
36
100 LQFP
FlexRay
Qualification Status
PowerPC Core
Automotive Platform
Core Version
Flash Size (core dependent)
Product
Optional Fields
MPC
56
P
G
F0
M
Example code:
04
Temperature spec.
Package Code
Qualification Status
M = MC status
S = Automotive qualified
P = PC status
Automotive Platform
56 = PPC in 90nm
Core Version
0 = e200z0
Flash Size (z0 core)
3 = 384 KB
4 = 512 KB
Product
P = Pictus
Optional fields
E = Data Flash (blank if none)
F = FlexRay
Frequency
LQ
Temperature spec.
V = –40°C to 105°C
M = –40°C to 125°C
Package Code
LL = 100 LQFP
LQ = 144 LQFP
Frequency
7= 64 MHz
Fab & Mask Revision
R = Tape & Reel (blank if Tray)
7R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com