Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604PFF0VLQ7R Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC5604PFF0VLQ7R
Description  microcontroller units (MCUs)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604PFF0VLQ7R Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC5604PFF0VLQ7R Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: MPC5604P
Rev. 5, 11/2009
© Freescale Semiconductor, Inc., 2008, 2009. All rights reserved.
Preliminary—Subject to Change Without Notice
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
MPC5604P
144 LQFP
20 mm x 20 mm
100 LQFP
14 mm_x_14 mm
• High performance 64 MHz e200z0h CPU
– 32-bit Power Architecture Book E CPU
– Variable Length Encoding (VLE)
• Available memory
– As much as 512 KB on-chip code flash memory with
additional 64 KB for EEPROM emulation (data flash),
with ECC, with erase/program controller
– As much as 40 KB on-chip RAM with ECC
• Fail safe protection
– Programmable watchdog timer
– Junction temperature sensor
– Non-maskable interrupt
– Fault collection unit
• Nexus L2+ interface
• Interrupts
– 16 priority level controller
• 16-channel eDMA controller
• General purpose I/Os
– Individually programmable as input, output or special
function
• Two general purpose eTimer units
– Six timers each with up/down count capabilities
– 16-bit resolution, cascadable counters
– Quadrature decode with rotation direction flag
– Double buffer input capture and output compare
• Communications interfaces
– Two LINFlex channels (LIN 2.1)
– Four DSPI channels with automatic chip select
generation
– FlexCAN interface (2.0B Active) with 32 message
objects
– Safety port based on FlexCAN with 32 message objects
and up to 7.5 Mbit/s capability; usable as second CAN
when not used as safety port
– FlexRay™ module (V2.1) with dual or single channel,
32 message objects and up to 10 Mbit/s
• Two 10-bit A/D converters
– Two × 15 input channels, four channels shared among
the two A/D converters
– Conversion time < 1 µs including sampling time at full
precision
– Programmable Cross Triggering Unit (CTU)
– Four analog watchdogs with interrupt capability
• On-chip CAN/UART/FlexRay Bootstrap loader with Boot
Assist Module (BAM)
•FlexPWM unit
– Eight complementary or independent outputs with ADC
synchronization signals
– Polarity control, reload unit
– Integrated configurable dead time unit and inverter fault
input pins
– 16-bit resolution, up to 2 × fCPU
– Lockable configuration
– Clock generation
– 4–40 MHz main oscillator
– 16 MHz internal RC oscillator
– Software controlled FMPLL capable of speeds as fast as
64 MHz
• Voltage supply
– 3.3 V or 5 V supply for I/Os and ADC
– On-chip single supply voltage regulator with external
ballast transistor
– Operating temperature ranges: –40 to 125 °C or
–40 to 105 °C
MPC5604P Microcontroller
Data Sheet


Similar Part No. - MPC5604PFF0VLQ7R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5604B FREESCALE-MPC5604B Datasheet
977Kb / 72P
MPC5604B/C Microcontroller Data Sheet
MPC5604B FREESCALE-MPC5604B Datasheet
1Mb / 106P
32-bit MCU family built on the Power Architecture for automotive
MPC5604B FREESCALE-MPC5604B Datasheet
243Kb / 2P
Qorivva MPC560xB/C/D Family
MPC5604B FREESCALE-MPC5604B Datasheet
243Kb / 2P
Qorivva MPC560xBCD Family
logo
NXP Semiconductors
MPC5604B NXP-MPC5604B Datasheet
1Mb / 109P
MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
More results

Similar Description - MPC5604PFF0VLQ7R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC908GP32 MOTOROLA-MC68HC908GP32 Datasheet
3Mb / 410P
M68HC08 Family of 8-bit microcontroller units (MCUs)
MC68HC08AS32 MOTOROLA-MC68HC08AS32 Datasheet
1Mb / 394P
M68HC08 Family of 8-bit microcontroller units (MCUs)
68HC08KH12 MOTOROLA-68HC08KH12 Datasheet
2Mb / 262P
8 BIT MICROCONTROLLER UNITS
logo
Freescale Semiconductor...
68HC05JB3 FREESCALE-68HC05JB3 Datasheet
1Mb / 134P
8-bit microcontroller units (MCUs)
logo
Renesas Technology Corp
HD6432633 RENESAS-HD6432633 Datasheet
5Mb / 1453P
Series of Microcomputers (MCUs: microcomputer units)
logo
Freescale Semiconductor...
MC68HC908LJ12 FREESCALE-MC68HC908LJ12 Datasheet
4Mb / 413P
8-bit microcontroller units
68HC05J5A FREESCALE-68HC05J5A Datasheet
1Mb / 106P
8-bit microcontroller units
MPC5634M FREESCALE-MPC5634M_09 Datasheet
2Mb / 118P
microcontroller units (MCUs)
logo
Motorola, Inc
MC68HC05C12 MOTOROLA-MC68HC05C12 Datasheet
9Mb / 165P
HCMOS MICROCONTROLLER UNITS
logo
NXP Semiconductors
68HC05PD6 NXP-68HC05PD6 Datasheet
1Mb / 165P
The MC68HC05PD6 is a member of the MC68HC05 family of HCMOS Microcontroller Units (MCUs).
July 7, 1997 REV 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com