Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604PFF0VLQ7R Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC5604PFF0VLQ7R
Description  microcontroller units (MCUs)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604PFF0VLQ7R Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC5604PFF0VLQ7R Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5604PFF0VLQ7R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 84 page
background image
MPC5604P Microcontroller Data Sheet, Rev. 5
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
4
CRC (cyclic redundancy check) unit
Yes
Junction temperature sensor
Yes
JTAG interface
Yes
Nexus port controller (NPC)
Yes (Level 2+)
Supply
Digital power supply4
3.3 V or 5 V single supply with external transistor
Analog power supply
3.3 V or 5 V
Internal RC oscillator
16 MHz
External crystal oscillator
4–40 MHz
Packages
100 LQFP
144 LQFP
Temperature
Standard ambient temperature
–40 to 125 °C
Extended ambient temperature5
–40 to 145 °C
1 32 message buffers, dual-channel.
2 Each FlexCAN module has 32 message buffers.
3 One FlexCAN module can act as a Safety Port with a bit rate as high as 7.5 Mbit/s.
4 3.3 V range and 5 V range correspond to different orderable parts.
5 Thermally enhanced 100-pin and 144-pin LQFP packages are under analysis to support an extended ambient
temperature range of –40 to 145 °C. The packages are not yet available.
Table 1. MPC5604P device comparison (continued)
Feature
MPC5603P
MPC5604P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com