Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R37V Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT45R37V
Description  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37V Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT45R37V Datasheet HTML 11Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 12Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 13Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 14Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 15Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 16Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 17Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 18Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 90 page
background image
HT45R37V
Rev. 1.00
15
October 20, 2009
Table Program Example
The following example shows how the table pointer and
table data is defined and retrieved from the
microcontroller. This example uses raw table data lo-
cated in the last page which is stored there using the
ORG statement. The value at this ORG statement is
²F00H² which refers to the start address of the last page
within the 4K Program Memory of the HT45R37. The ta-
ble pointer is setup here to have an initial value of
²06H².
This will ensure that the first data read from the data ta-
ble will be at the Program Memory address
²F06H² or 6
locations after the start of the last page. Note that the
value for the table pointer is referenced to the first ad-
dress of the present page if the
²TABRDC [m]² instruc-
tion is being used. The high byte of the table data which
in this case is equal to zero will be transferred to the
TBLH register automatically when the
²TABRDL [m]² in-
struction is executed.
Because the TBLH register is a read-only register and
cannot be restored, care should be taken to ensure its
protection if both the main routine and Interrupt Service
Routine use table read instructions. If using the table
read instructions, the Interrupt Service Routines may
change the value of the TBLH and subsequently cause
errors if used again by the main routine. As a rule it is
recommended that simultaneous use of the table read
instructions should be avoided. However, in situations
where simultaneous use cannot be avoided, the inter-
rupts should be disabled prior to the execution of any
main routine table-read instructions. Note that all table
related instructions require two instruction cycles to
complete their operation.
Tempreg1 db
?
; temporary register #1
tempreg2 db
?
; temporary register #2
:
:
mov
a,06h
; initialise table pointer - note that this address is referenced
mov
tblp,a
; to the last page or present page
:
:
tabrdl
tempreg1
; transfers value in table referenced by table pointer
; to tempregl
; data at prog. memory address
²F06H² transferred to
; tempreg1 and TBLH
dec tblp
; reduce value of table pointer by one
tabrdl
tempreg2
; transfers value in table referenced by table pointer
; to tempreg2
; data at prog.memory address
²F05H² transferred to
; tempreg2 and TBLH
; in this example the data
²1AH² is transferred to
; tempreg1 and data
²0FH² to register tempreg2
:
:
org F00h
; sets initial address of last page
dc
00Ah, 00Bh, 00Ch, 00Dh, 00Eh, 00Fh, 01Ah, 01Bh
:
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com