Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R37V Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT45R37V
Description  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37V Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT45R37V Datasheet HTML 35Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 36Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 37Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 38Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 39Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 40Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 41Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 42Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
HT45R37V
Rev. 1.00
39
October 20, 2009
S e l e c t A / D c o n v e r t e r c l o c k s o u r c e
N o t i m p l e m e n t e d , r e a d a s " 0 "
A / D O n / O f f c o n t r o l b i t
1 : d i s a b l e
0 : e n a b l e
F o r t e s t m o d e u s e o n l y
A C S R R e g i s t e r
b 0
A D C S 1 A D C S 0
A D C S 1
0
0
1
1
0
0
1
1
A D C S 0
0
1
0
1
0
1
0
1
: s y s t e m c l o c k / 2
: s y s t e m c l o c k / 8
: s y s t e m c l o c k / 3 2
: u n d e f i n e d
: s y s t e m c l o c k
: s y s t e m c l o c k / 4
: s y s t e m c l o c k / 1 6
: u n d e f i n e d
b 7
T E S T A D O N B
A D C S 2
A D C S 2
0
0
0
0
1
1
1
1
A/D Converter Control Register
- ACSR
fSYS
A/D Clock Period (tAD)
ADCS2, ADCS1,
ADCS0=000
(fSYS/2)
ADCS2, ADCS1,
ADCS0=001
(fSYS/8)
ADCS2, ADCS1,
ADCS0=010
(fSYS/32)
ADCS2, ADCS1,
ADCS0=011
1MHz
2
ms8ms32ms
Undefined
2MHz
1
ms4ms16ms
Undefined
4MHz
500ns*
2
ms8ms
Undefined
8MHz
250ns*
1
ms4ms
Undefined
12MHz
167ns*
667ns*
2.67
ms
Undefined
A/D Clock Period Examples
A/D Input Pins
All of the A/D analog input pins are pin-shared with the
I/O pins on Port B. Bits PCR2~PCR0 in the ADCR regis-
ter, determine whether the input pins are setup as nor-
mal Port B input/output pins or whether they are setup
as analog inputs. In this way, pins can be changed under
program control to change their function from normal I/O
operation to analog inputs and vice versa. Pull-high re-
sistors, which are setup through register programming,
apply to the input pins only when they are used as nor-
mal I/O pins, if setup as A/D inputs the pull-high resistors
will be automatically disconnected. Note that it is not
necessary to first setup the A/D pin as an input in the
PBC port control register to enable the A/D input as
when the PCR2~PCR0 bits enable an A/D input, the sta-
tus of the port control register will be overridden. The
A/D converter has its own power supply pins AVDD and
AVSS pin. The analog input values must not be allowed
to exceed the value of AVDD.
Initialising the A/D Converter
The internal A/D converter must be initialised in a special
way. Each time the Port B A/D channel selection bits are
modified by the program, the A/D converter must be
re-initialised. If the A/D converter is not initialised after the
channel selection bits are changed, the EOCB flag may
have an undefined value, which may produce a false end
of conversion signal. To initialise the A/D converter after
the channel selection bits have changed, then, within a
time frame of one to ten instruction cycles, the START bit
in the ADCR register must first be set high and then im-
mediately cleared to zero. This will ensure that the EOCB
flag is correctly set to a high condition.
Summary of A/D Conversion Steps
The following summarises the individual steps that
should be executed in order to implement an A/D con-
version process.
· Step 1
Select the required A/D conversion clock by correctly
programming bits ADCS2, ADCS1 and ADCS0 in the
register.
· Step 2
Enable the A/D by clearing the in the ACSR register to
zero.
· Step 3
Select which channel is to be connected to the internal
A/D converter by correctly programming the
ACS2~ACS0 bits which are also contained in the reg-
ister.
· Step 4
Select which pins on Port B are to be used as A/D in-
puts and configure them as A/D input pins by correctly
programming the PCR2~PCR0 bits in the ADCR reg-
ister. Note that this step can be combined with Step 2
into a single ADCR register programming operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com