Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R37V Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT45R37V
Description  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37V Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT45R37V Datasheet HTML 1Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 2Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 3Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 4Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 5Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 90 page
background image
Pin Name
I/O
Configuration
Option
Description
PD0/PWM0/RC8
I/O
RC8
Bidirectional 1-bit input/output port. Software instructions deter-
mine if the pin is a CMOS output or Schmitt trigger input. A pull
high resistor can be connected to each pin using the PDPU regis-
ter. The PWM outputs, PWM0, are pin shared with pins PD0, the
function of which is chosen using the PWM registers. The C/R to F
converter inputs RC8 are shared with pins PD0.
PD1~PD7
¾¾
These seven pads are internal I/O and not bound out.
RCOUT/IN
I
¾
Capacitor or resistor connection pin to RC OSC/ Oscillation input.
RREF
I
¾
Reference resistor connection pin
CREF
I
¾
Reference capacitor connection pin
F1O
O
¾
High voltage filament output signal
BZO
BZO
O
¾
High voltage buzzer complement output signals
BZI
I
¾
Buzzer control Schmitt Trigger input.
VO
¾¾
LDO regulator output
VCC
¾¾
High voltage positive power supply for driving the VFD filament,
F1O, BZO and BZO outputs. An external 10uF capacitor is recom-
mended to be connected to ground on the PCB to reduce surge
voltages.
VFD0~VFD23
O
¾
High voltage grid/segment output for VFD panel
VDD/AVDD
¾¾
Positive power supply/analog positive power supply.
VSS/AVSS
¾¾
Negative power supply, ground/analog negative power supply,
ground
Note:
1. Pin PB2~PB5 are four internal pins only and not bound out and its port control register must setup this pin
as an output.
2. PB2~PB5 individual pins can be selected to have a pull-high resistor.
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
VCC Supply Voltage.....................................12V to 24V
IOL Total ................................................................80mA
IOH Total ..............................................................
-80mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT45R37V
Rev. 1.00
4
October 20, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com