Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R37V Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT45R37V
Description  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37V Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT45R37V Datasheet HTML 30Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 31Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 32Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 33Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 34Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 35Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 36Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 37Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 90 page
background image
HT45R37V
Rev. 1.00
34
October 20, 2009
Programming Example
The following example shows the principles of how the C/R to F converter function is programmed:
External RC oscillation converter mode example program - Timer A overflow:
clr RCOCCR
mov a, 00000010b
; Enable External RC oscillation mode and set Timer A overflow
mov RCOCR,a
clr mfic0.1
; Clear External RC Oscillation Converter interrupt request flag
clr mfic0.5
mov a, low (65536-1000) ; Give timer A initial value
mov tmral, a
; Timer A count 1000 time and then overflow
mov a, high (65536-1000)
mov tmrah, a
mov a, 00h
; Give timer B initial value
mov tmrbl, a
mov a, 00h
mov tmrbh, a
mov a, 00110000b
; Timer A clock source=fSYS/4 and timer on
mov RCOCCR, a
p10:
clr wdt
snz mfic0.5
; Polling External RC Oscillation Converter interrupt request flag
jmp p10
clr mfic0.5
; Clear External RC Oscillation Converter interrupt request flag
; Program continue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com