Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R37V Datasheet(PDF) 36 Page - Holtek Semiconductor Inc

Part # HT45R37V
Description  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37V Datasheet(HTML) 36 Page - Holtek Semiconductor Inc

Back Button HT45R37V Datasheet HTML 32Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 33Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 34Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 35Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 36Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 37Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 38Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 39Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 40Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 90 page
background image
HT45R37V
Rev. 1.00
36
October 20, 2009
P W M R e g i s t e r s
b 7
b 0
P W M O n / O f f C o n t r o l
1 : P W M e n a b l e
0 : I / O p i n e n a b l e
N o t i m p l e m e n t e d , r e a d a s " 0 "
P W M A C V a l u e
b i t s 0 ~ 3
P W M D C V a l u e
b i t s 4 ~ 1 1
E N
0
3
1
2
b 7
b 0
8
1 1
9
1 0
7
6
5
4
P W M 0 L ~ P W M 1 L
L o w B y t e R e g i s t e r s
P W M 0 H ~ P W M 1 H
H i g h B y t e R e g i s t e r s
PWM Register Pairs
f S Y S / 2
P W M
[ P W M ] = 1 6 0 0
[ P W M ] = 1 6 0 1
P W M
[ P W M ] = 1 6 0 2
P W M
[ P W M ] = 1 6 1 5
P W M
P W M c y c l e : 4 0 9 6 / f S Y S
1 0 0 / 2 5 6
1 0 1 / 2 5 6
1 0 1 / 2 5 6
1 0 1 / 2 5 6
M o d u l a t i o n c y c l e 0
P W M m o d u l a t i o n p e r i o d : 2 5 6 / f S Y S
M o d u l a t i o n c y c l e 1
M o d u l a t i o n c y c l e 2
M o d u l a t i o n c y c l e 1 5
M o d u l a t i o n c y c l e 0
1 0 0 / 2 5 6
1 0 0 / 2 5 6
1 0 0 / 2 5 6
1 0 1 / 2 5 6
1 0 0 / 2 5 6
1 0 1 / 2 5 6
1 0 1 / 2 5 6
1 0 0 / 2 5 6
1 0 0 / 2 5 6
1 0 0 / 2 5 6
1 0 0 / 2 5 6
1 0 0 / 2 5 6
1 0 0 / 2 5 6
1 0 1 / 2 5 6
1 0 1 / 2 5 6
1 0 1 / 2 5 6
8+4 PWM Mode
PWM Programming Example
The following sample program shows how the PWM output is setup and controlled.
mov a,64h
; setup PWM0 value to 1600 decimal which is 640H
mov pwm0h,a
; setup PWM0H register value
clr pwm0l
; setup PWM0L register value
clr pdc.0
; setup pin PD0 as an output
set pwm0en
; set the PWM0 enable bit
set pd.0
; Enable the PWM0 output
::
::
clr pd.0
; PWM0 output disabled
- PD0 will remain low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com