Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46F46E Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT46F46E
Description  Cost-Effective A/D Flash Type 8-Bit MCU with EEPROM
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46F46E Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT46F46E Datasheet HTML 45Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 46Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 47Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 48Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 49Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 50Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 51Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 52Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
HT46F46E/HT46F47E/HT46F48E/HT46F49E
Rev. 1.40
49
July 28, 2009
HT46F46E
Register
Reset
(Power-on)
RES or LVR
Reset
WDT Time-out
(Normal Operation)
WDT Time-out
(HALT)
MP0
1xxx xxxx
1uuu uuuu
1uuu uuuu
1uuu uuuu
MP1
1xxx xxxx
1uuu uuuu
1uuu uuuu
1uuu uuuu
BP
xxxx xxx0
xxxx xxx0
xxxx xxx0
xxxx xxxu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
PCL
0000 0000
0000 0000
0000 0000
0000 0000
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
-- xx xxxx
-- uu uuuu
-- uu uuuu
-- uu uuuu
STATUS
-- 00 xxxx
-- uu uuuu
-- 1u uuuu
-- 11 uuuu
INTC
- 000 0000
- 000 0000
- 000 0000
- uuu uuuu
TMR
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMRC
00
- 0 1000
00
- 0 1000
00
- 0 1000
uu
- u uuuu
PA
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PB
- - - - 1111
- - - - 1111
- - - - 1111
- - - - uuuu
PBC
- - - - 1111
- - - - 1111
- - - - 1111
- - - - uuuu
PD
--- - --- 1
--- - --- 1
--- - --- 1
--- - --- u
PDC
--- - --- 1
--- - --- 1
--- - --- 1
--- - --- u
PWM
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADR
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADCR
0100 0000
0100 0000
0100 0000
uuuu uuuu
ACSR
1
- - - - - 00
1
- - - - - 00
1
- - - - - 00
u
- - - - - uu
EECR
1000
----
1000
----
1000
----
uuuu
----
²u² stands for unchanged
²x² stands for unknown
²-² stands for unimplemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com