Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46F46E Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT46F46E
Description  Cost-Effective A/D Flash Type 8-Bit MCU with EEPROM
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46F46E Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT46F46E Datasheet HTML 1Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 2Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 3Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 4Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 5Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 6Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 7Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 8Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 88 page
background image
Part No.
VDD
Program
Memory
Data
Memory
Data
EEPROM
I/O
Timer
Int.
A/D
PWM
Stack
Package
Types
HT46F46E
2.2V~
5.5V
1K
´14
64
´8
128
´8
13
8-bit
´1
3
8-bit
´4 8-bit´14
16NSOP,
18DIP/SOP
HT46F47E
2.2V~
5.5V
2K
´14
64
´8
128
´8
13
8-bit
´1
3
9-bit
´4 8-bit´16
16NSOP, 18DIP,
18SOP, 20SSOP
HT46F48E
2.2V~
5.5V
2K
´14
88
´8
128
´8
19
8-bit
´1
3
9-bit
´4 8-bit´16
24SKDIP/SOP,
24SSOP
HT46F49E
2.2V~
5.5V
4K
´15
128
´8
256
´8
23
8-bit
´1
3
9-bit
´4 8-bit´26
24/28SKDIP,
24/28SOP,
24/28SSOP
Note:
For devices that exist in two package formats, the table reflects the situation for the larger package.
Block Diagram
HT46F46E/HT46F47E/HT46F48E/HT46F49E
Rev. 1.40
2
July 28, 2009
S t a c k
F l a s h
P r o g r a m
M e m o r y
E E P R O M
D a t a
M e m o r y
R A M D a t a
M e m o r y
I n - c i r c u i t
P r o g r a m m i n g
C i r c u i t r y
W a t c h d o g
T i m e r
W a t c h d o g
T i m e r O s c i l l a t o r
8 - b i t
R I S C
M C U
C o r e
R e s e t
C i r c u i t
I n t e r r u p t
C o n t r o l l e r
R C / C r y s t a l
S y s t e m
O s c i l l a t o r
L o w
V o l t a g e
R e s e t
A / D
C o n v e r t e r
P W M
G e n e r a t o r
P r o g r a m m a b l e
F r e q u e n c y
G e n e r a t o r
8 - b i t
T i m e r
I / O
P o r t s
Selection Table
Most features are common to all devices, the main feature distinguishing them are Program Memory capacity, I/O count,
A/D resolution, stack capacity and package types. The following table summarises the main features of each device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com