Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46F46E Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT46F46E
Description  Cost-Effective A/D Flash Type 8-Bit MCU with EEPROM
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46F46E Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT46F46E Datasheet HTML 5Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 6Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 7Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 8Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 9Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 10Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 11Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 12Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
HT46F46E/HT46F47E/HT46F48E/HT46F49E
Rev. 1.40
9
July 28, 2009
System Architecture
A key factor in the high-performance features of the
Holtek range of Cost-Effective A/D Flash Type with
EEPROM microcontrollers is attributed to the internal
system architecture. The range of devices take advan-
tage of the usual features found within RISC
microcontrollers providing increased speed of operation
and enhanced performance. The pipelining scheme is
implemented in such a way that instruction fetching and
instruction execution are overlapped, hence instructions
are effectively executed in one cycle, with the exception
of branch or call instructions. An 8-bit wide ALU is used
in practically all operations of the instruction set. It car-
ries out arithmetic operations, logic operations, rotation,
increment, decrement, branch decisions, etc. The inter-
nal data path is simplified by moving data through the
Accumulator and the ALU. Certain internal registers are
implemented in the Data Memory and can be directly or
indirectly addressed. The simple addressing methods of
these registers along with additional architectural fea-
tures ensure that a minimum of external components is
required to provide a functional I/O and A/D control sys-
tem with maximum reliability and flexibility. This makes
these devices suitable for low-cost, high-volume pro-
duction for controller applications requiring from 1K up
to 4K words of Program Memory and 64 to 128 bytes of
Data Memory storage.
Clocking and Pipelining
The main system clock, derived from either a Crys-
tal/Resonator or RC oscillator is subdivided into four in-
ternally generated non-overlapping clocks, T1~T4. The
Program Counter is incremented at the beginning of the
T1 clock during which time a new instruction is fetched.
The remaining T2~T4 clocks carry out the decoding and
execution functions. In this way, one T1~T4 clock cycle
forms one instruction cycle. Although the fetching and
execution of instructions takes place in consecutive in-
struction cycles, the pipelining structure of the
microcontroller ensures that instructions are effectively
executed in one instruction cycle. The exception to this
are instructions where the contents of the Program
Counter are changed, such as subroutine calls or
jumps, in which case the instruction will take one more
instruction cycle to execute.
When the RC oscillator is used, OSC2 is freed for use as
a T1 phase clock synchronizing pin. This T1 phase clock
has a frequency of fSYS/4 with a 1:3 high/low duty cycle.
For instructions involving branches, such as jump or call
instructions, two machine cycles are required to com-
plete instruction execution. An extra cycle is required as
the program takes one cycle to first obtain the actual
jump or call address and then another cycle to actually
execute the branch. The requirement for this extra cycle
should be taken into account by programmers in timing
sensitive applications
F e t c h I n s t . ( P C )
E x e c u t e I n s t . ( P C - 1 )
F e t c h I n s t . ( P C + 1 )
E x e c u t e I n s t . ( P C )
F e t c h I n s t . ( P C + 2 )
E x e c u t e I n s t . ( P C + 1 )
P C
P C + 1
P C + 2
O s c i l l a t o r C l o c k
( S y s t e m C l o c k )
P h a s e C l o c k T 1
P r o g r a m C o u n t e r
P h a s e C l o c k T 2
P h a s e C l o c k T 3
P h a s e C l o c k T 4
P i p e l i n i n g
System Clocking and Pipelining
F e t c h I n s t . 1
E x e c u t e I n s t . 1
F e t c h I n s t . 2
F l u s h P i p e l i n e
1
2
3
4
5
6
D E L A Y :
M O V A , [ 1 2 H ]
C A L L D E L A Y
C P L [ 1 2 H ]
:
:
N O P
E x e c u t e I n s t . 2
F e t c h I n s t . 3
F e t c h I n s t . 6
E x e c u t e I n s t . 6
F e t c h I n s t . 7
Instruction Fetching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com