Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46F46E Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT46F46E
Description  Cost-Effective A/D Flash Type 8-Bit MCU with EEPROM
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46F46E Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT46F46E Datasheet HTML 17Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 18Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 19Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 20Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 21Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 22Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 23Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 24Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
HT46F46E/HT46F47E/HT46F48E/HT46F49E
Rev. 1.40
21
July 28, 2009
READ
The
²READ² instruction is used to read out one or more
bytes of data from the EEPROM Data Memory. To insti-
gate a
²READ² instruction, the CS bit should be set high,
followed by a high start bit and then the instruction code
²10², all transmitted via the DI bit. The address informa-
tion should then follow with the MSB being transmitted
first. For the HT46F49E device, a dummy bit must be in-
serted between the last bit of the instruction code and
the MSB of the address. After the last address bit, A0,
has been transmitted, the data can be clocked out, bit
D7 first, on the rising edge of the SK clock signal and
can be read via the DO bit. However, a dummy
²0² bit
will first precede the reading of the first data bit, D7. After
the full byte has been read out, the internal address will
be automatically incremented allowing the next consec-
utive data byte to be read out without entering further
address data. As long as the CS bit remains high, data
bit D7 of the next address will automatically follow data
bit D0 of the previous address with no dummy
²0² being
inserted between them. The address will keep incre-
menting in this way until CS returns to a low value. DO
will normally be in a high impedance condition until the
²READ² instruction is executed. Note that as the
²READ² instruction is not affected by the condition of the
²EWEN² or ²EWDS² instruction, the READ command is
always valid and independent of these two instructions.
WRITE
The
²WRITE² instruction is used to write a single byte of
data into the EEPROM. To instigate a WRITE instruc-
tion, the CS bit should be set high, followed by a high
start bit and then the instruction code
²01², all transmit-
ted via the DI bit. The address information should then
follow with the MSB bit being transmitted first. After the
last address bit, A0, has been transmitted, the data can
be immediately transmitted MSB first. For the
HT46F49E device, a dummy bit must be inserted be-
tween the last bit of the instruction code and the MSB of
the address. After all the WRITE instruction code, ad-
dress and data have been transmitted, the data will be
written into the EEPROM when the CS bit is cleared to
zero. The EEPROM does this by executing an internal
write-cycle, which will first erase and then write the pre-
viously transmitted data byte into the EEPROM. This
process takes place internally using the EEPROM
¢s
own internal clock and does not require any action from
the SK clock. No further instructions can be accepted by
the EEPROM until this internal write-cycle has finished.
To determine when the write cycle has ended, CS
should be again brought high and the DO bit polled. If
DO is low this indicates that the internal write-cycle is
still in progress, however, the DO bit will change to a
high value when the internal write-cycle has ended. Be-
fore a
²WRITE² instruction is transmitted an ²EWEN² in-
struction must have been transmitted at some point
earlier to ensure that the erase/write function of the
EEPROM is enabled.
C S
S K
D O
0
D I
S t a r t b i t
1
t C D S
0
A 6
A 0
D 0
D 7
D 7
T h e a d d r e s s i s a u t o m a t i c a l l y i n c r e m e n t e d a t t h i s p o i n t .
1
READ Timing
- Except HT46F49E
C S
S K
D O
0
D I
S t a r t b i t
1
t C D S
T h e a d d r e s s i s a u t o m a t i c a l l y i n c r e m e n t e d a t t h i s p o i n t .
0
A 7
A 0
D 0
D 7
D 7
1
READ Timing
- HT46F49E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com