Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46F46E Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT46F46E
Description  Cost-Effective A/D Flash Type 8-Bit MCU with EEPROM
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46F46E Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT46F46E Datasheet HTML 9Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 10Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 11Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 12Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 13Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 14Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 15Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 16Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
HT46F46E/HT46F47E/HT46F48E/HT46F49E
Rev. 1.40
13
July 28, 2009
tempreg1 db
?
; temporary register #1
tempreg2 db
?
; temporary register #2
:
:
mov
a,06h
; initialise table pointer - note that this address
; is referenced
mov
tblp,a
; to the last page or present page
:
:
tabrdl
tempreg1
; transfers value in table referenced by table pointer
; to tempregl
; data at prog. memory address
²706H² transferred to
; tempreg1 and TBLH
dec
tblp
; reduce value of table pointer by one
tabrdl
tempreg2
; transfers value in table referenced by table pointer
; to tempreg2
; data at prog.memory address
²705H² transferred to
; tempreg2 and TBLH
; in this example the data
²1AH² is transferred to
; tempreg1 and data
²0FH² to register tempreg2
; the value
²00H² will be transferred to the high byte
; register TBLH
:
:
org
700h
; sets initial address of last page (for HT46F47E)
Dc
00Ah, 00Bh, 00Ch, 00Dh, 00Eh, 00Fh, 01Ah, 01Bh
:
:
Because the TBLH register is a read-only register and
cannot be restored, care should be taken to ensure its
protection if both the main routine and Interrupt Service
Routine use table read instructions. If using the table
read instructions, the Interrupt Service Routines may
change the value of the TBLH and subsequently cause
errors if used again by the main routine. As a rule it is
recommended that simultaneous use of the table read
instructions should be avoided. However, in situations
where simultaneous use cannot be avoided, the inter-
rupts should be disabled prior to the execution of any
main routine table-read instructions. Note that all table
related instructions require two instruction cycles to
complete their operation.
In Circuit Programming
The provision of Flash Program Memory gives the user
and designer the convenience of easy upgrades and mod-
ifications to their programs on the same device. As an ad-
ditional convenience, Holtek has provided a means of
programming the microcontroller in-circuit. This provides
manufacturers with the possibility of manufacturing their
circuit boards complete with a programmed or un-pro-
grammed Flash Type microcontroller, and then program-
ming or upgrading the program at a later stage. This
enables product manufacturers to easily keep their manu-
factured products supplied with the latest program re-
leases without removal and re-insertion of the device.
Pin Name
Function
PA0
Serial data input/output
PA4
Serial clock
RES
Device reset
VDD
Power supply
VSS
Ground
Instruction
Table Location Bits
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
TABRDC [m] PC11
PC10
PC9
PC8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
1111
@7
@6
@5
@4
@3
@2
@1
@0
Table Location
Note:
PC11~PC8: Current Program Counter bits
@7~@0: Table Pointer TBLP bits
For the HT46F49E the Table address location is 12 bits, i.e. from b11~b0.
For the HT46F47E and HT46F48E, the Table address location is 11 bits, i.e. from b10~b0.
For the HT46F46E, the Table address location is 10 bits, i.e. from b9~b0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com