Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K74E Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT82K74E
Description  27MHz Keyboard/ Mouse TX 8-Bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K74E Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT82K74E Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
RF Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
PRF
Maximum Output Power
(Load impedance is 50
W)
¾
PWRAMP option selected Half
¾-3
¾
dBm
PWRAMP option selected Full
¾
0
¾
dBm
PBW
20dB Bandwidth for Modulated
Carrier (3Kbps)
¾¾
¾
6
¾
kHz
PRF1
1st Adjacent Channel Transmit
Power 50kHz
¾¾
¾
¾
-30
dBm
PRF2
2nd Adjacent Channel Transmit
Power 100kHz
¾¾
¾
¾
-40
dBm
DC_AC Power-on Reset AC/DC Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IPOR
Operating Current
2.0V~
3.3V
¾¾
¾
0.7
mA
RSR_POR
VDD Rise Rate to Ensure Power-on
Reset
¾
Without 0.1
mF between
VDD and VSS
0.05
¾¾
V/ms
VPOR_MAX
Maximum VDD Start Voltage to
Ensure Power-on Reset
¾
Without 0.1
mF between
VDD and VSS
0.9
¾
1.5
V
tPOR
Power-on Reset Low Pulse Width
¾
Without 0.1
mF between
VDD and VSS
2
¾¾
ms
With 0.1
mF between
VDD and VSS
10
¾¾
ms
HT82K74E/HT82K74EE
Rev. 1.00
5
December 15, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com