Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K74E Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT82K74E
Description  27MHz Keyboard/ Mouse TX 8-Bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K74E Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82K74E Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
Pin Description
Pin Name
I/O
Options
Description
PA0~PA1
PA2/TMR
PA3~PA7
I/O
Pull-high
Wake-up
Bidirectional 8-bit input/output port. Each pin can be configured as a wake-up
input (both falling and rising edge) by a configuration option. Software instruc-
tions determine if the pin is a CMOS output or Schmitt Trigger input. Configura-
tion options determine if the pins have pull-high resistors. PA2 is shared with
the external timer input pin TMR.
PB0~PB7
I/O
Pull-high
Wake-up
Bidirectional 8-bit input/output port. Each nibble, PB0~PB3 and PB4~PB7,
pins can be configured as wake-up inputs (both falling and rising edge) by con-
figuration options. Software instructions determine if the pin is a CMOS output
or Schmitt Trigger input. Configuration options determine if the pins have
pull-high resistors.
PC0~PC7
I/O
Pull-high
Wake-up
Bidirectional 8-bit input/output port. Each nibble, PC0~PC3 and PC4~PC7,
pins can be configured as wake-up inputs (both falling and rising edge) by con-
figuration options. Software instructions determine if the pin is a CMOS output
or Schmitt Trigger input. Configuration options determine if the pins have
pull-high resistors.
PD0/VA
PD1/VB
PD2/ZA
PD3/ZB
PD4~PD7
I/O
Pull-high
Wake-up
Bidirectional 8-bit input/output port. Each nibble, PD0~PD3 and PD4~PD7,
pins can be configured as wake-up inputs (both falling and rising edge) by con-
figuration options. Software instructions determine if the pin is a CMOS output
or Schmitt Trigger input. Configuration options determine if the pins have
pull-high resistors. PD0 and PD1 are shared with the VA and VB pins. PD2 and
PD3 are shared with the ZA and ZB pins.
PE0~PE3
I/O
Pull-high
Wake-up
Bidirectional 4-bit input/output port. PE0~PE3 pin can be configured as
wake-up inputs (both falling and rising edge) by a configuration option. Soft-
ware instructions determine if the pin is a CMOS output or Schmitt Trigger in-
put. Configuration options determine if the pins have pull-high resistors. For
HT82K74EE PE0 and PE1 are shared with the SDA and SCL lines respec-
tively and not bonded to external pins.
OSC1
OSC2
I
O
¾
OSC1, OSC2 are connected to an external 27MHz crystal/ resonator for the in-
ternal system clock.
VSS
¾¾
Negative power supply, ground
RES
I
¾
Schmitt trigger reset input. Active low
VDD
¾¾
Positive power supply
BAT_IN
I
¾
Battery input
LX
I
¾
DC/DC LX switch
VSSLX
I
¾
DC/DC ground
RF_OUT
O
Full Power/
Half Power
RF power amplifier output pin
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................150mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT82K74E/HT82K74EE
Rev. 1.00
3
December 15, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com