Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K74E Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HT82K74E
Description  27MHz Keyboard/ Mouse TX 8-Bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K74E Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT82K74E Datasheet HTML 29Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 30Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 31Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 32Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 33Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 34Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 35Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 36Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
HT82K74E/HT82K74EE
Rev. 1.00
33
December 15, 2009
Bit No.
Fun. Name
R/W
Description for mouse mode
0~1
CLK_DIV
R/W
MCU system clock division selection
00: system clock= system oscillator output clock/4 (6.75MHz)
01: system clock= system oscillator output clock/8 (3.3MHz)
10: system clock= system oscillator output clock/16 (1.68MHz)
11: system clock= system oscillator output clock/1 (only for 4MHz)
2
CAP_EN
R/W
27MHz oscillator built-in capacitor enable control
0: disable the built-in capacitor connection to both OSC1 and OSC2 (default)
1: enable the built-in capacitor connection to both OSC1 and OSC2 where the
built-in capacitors for both OSC1 and OSC2 are defined by the OSC CAP con-
trol register OSCC.
3
OSC_MOD
R/W
27MHz oscillator (OSC) operating mode control
0: OSC operates in normal mode without frequency modulation.
1: OSC operates in frequency modulation mode for RF transmission.
4
I_SEL
R/W
27MHz oscillator (OSC) current control when OSC operates in frequency modu-
lation mode.
0: normal current state is selected when the VDD voltage is equal to or higher
than 3V.
1: high current state is selected when the VDD voltage is lower than 3V.
5~7
Reserved bit
R/W
Always read 0
27MHz Oscillator Control Register
- RFCTR (21H)
Period Timer Register
- PTR
This register is used to define the period of the timer which always counts in the Power Down Mode. Once the timer is
reached, the MCU will be woken-up by Period Timer Register overflow. Once the MCU is woken-up by the period timer,
the CNT_WK bit of the wake-up Register is set to
²1².
Bit No.
Function
Name
R/W
Description
0~7
Period Timer
R/W
The Period Timer is the time interval generator with one second as a unit. If
the bits [7:0] are equal to 00H, the MCU will be woken up by one of the
wake-up source mentioned in Wake-up Section except the PTR overflow
event. If the bits [7:0] are not equal to 00H, the MCU will be woken up from
the Power Down mode by the following events except WDT overflow event:
· I/O Port wake-up
· INT wake-up
· Reset
· The Period Timer is reached to the values specified by the PTR.
Period Timer Register
- PTR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com