Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K74E Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT82K74E
Description  27MHz Keyboard/ Mouse TX 8-Bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K74E Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT82K74E Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 15Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 16Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 17Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 18Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
HT82K74E/HT82K74EE
Rev. 1.00
15
December 15, 2009
In addition, on entering an interrupt sequence or execut-
ing a subroutine call, the status register will not be
pushed onto the stack automatically. If the contents of
the status registers are important and if the interrupt rou-
tine can change the status register, precautions must be
taken to correctly save it.
Interrupt Control Registers
- INTC
The microcontroller provides an internal timer/event
counter overflow interrupt. By setting various bits within
this register using standard bit manipulation instruc-
tions, the enable/disable function of each interrupt can
be independently controlled. A master interrupt bit within
this register, the EMI bit, acts like a global enable/dis-
able and is used to set all of the interrupt enable bits on
or off. This bit is cleared when an interrupt routine is en-
tered to disable further interrupt and is set by executing
the
²RETI² instruction.
Timer/Event Counter Registers
-
TMRH, TMRL, TMRC
All devices possess a single internal 16-bit count-up
timer. An associated register pair known as
TMRL/TMRH is the location where the timer 16-bit value
is located. This register can also be preloaded with fixed
data to allow different time intervals to be setup. An as-
sociated control register, known as TMRC, contains the
setup information for this timer, which determines in
what mode the timer is to be used as well as containing
the timer on/off control function.
Watchdog Timer Register
- WDTS
The Watchdog function in the microcontroller provides
an automatic reset function giving the microcontroller a
means of protection against spurious jumps to incorrect
Program Memory addresses. To implement this, a timer
is provided within the microcontroller which will issue a
reset command when its value overflows.To provide
variable Watchdog Timer reset times, the Watchdog
Timer clock source can be divided by various division ra-
tios, the value of which is set using the WDTS register.
By writing directly to this register, the appropriate divi-
sion ratio for the Watchdog Timer clock source can be
setup. Note that only the lower 3 bits are used to set divi-
sion ratios between 1 and 128.
Input/Output Ports and Control Registers
Within the area of Special Function Registers, the I/O
registers and their associated control registers play a
prominent role. All I/O ports have a designated register
correspondingly labeled as PA, PB, PC, PD and PE.
These labeled I/O registers are mapped to specific ad-
dresses within the Data Memory as shown in the Data
Memory table, which are used to transfer the appropri-
ate output or input data on that port. With each I/O port
there is an associated control register labeled PAC,
PBC, PCC, PDC, PEC also mapped to specific ad-
dresses with the Data Memory. The control register
specifies which pins of that port are set as inputs and
which are set as outputs. To setup a pin as an input, the
corresponding bit of the control register must be set
high, for an output it must be set low. During program , it
is important to first setup the control registers to specify
which pins are outputs and which are inputs before
reading data from or writing data to the I/O ports. One
flexible feature of these registers is the ability to directly
program single bits using the
²SET [m].i² and ²CLR
[m].i
² instructions. The ability to change I/O pins from
output to input and vice versa by manipulating specific
bits of the I/O control registers during normal program
operation is a useful feature of these devices.
EEPROM Data Memory
An area of EEPROM, which stands for Electrically Eras-
able Programmable Read Only Memory, is contained
within the device. This type of memory is non-volatile
with data retention even after power is removed. This
type of memory is useful for storing information such as
product identification numbers, calibration values, user
data, system setup data etc.
EEPROM Memory Structure
The EEPROM has a capacity is 128 organised into a
structure of 8-bit words. The EEPROM is an IIC type de-
vice and therefore operates using a two wire serial bus.
Accessing the EEPROM Data Memory
The two IIC lines are the Serial Clock line, SCL, and the
Serial Data line SDA. The SDA pin is shared with I/O pin
PE0, while the SCL pin is connected to internal I/O PE1.
Normal I/O control software instructions for PE0 and
PE1 are used to control read and write operations on the
EEPROM.
· Serial data - SDA
The SDA line is the bidirectional EEPROM serial data
line which is shared with pin PE0.
If it is transfer data must be output mode, and it re-
ceive data should be set input mode and select pull
high resistor by option.
· Serial data - SCL
The SCL line is the EEPROM serial clock input line
which is shared with internal I/O PE1. The SCL input
clocks data into the EEROM on its positive edge and
clocks data out of the EEPROM on its negative edge.
· Clock and data transition
Data transfer may be initiated only when the bus is not
busy. During data transfer, the data line must remain
stable whenever the clock line is high. Changes in the
data line while the clock line is high will be interpreted
as a START or STOP condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com