Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K74E Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT82K74E
Description  27MHz Keyboard/ Mouse TX 8-Bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K74E Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT82K74E Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 15Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 16Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 17Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 18Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 19Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 20Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 21Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
HT82K74E/HT82K74EE
Rev. 1.00
18
December 15, 2009
Input/Output Ports
Holtek microcontrollers offer considerable flexibility on
their I/O ports. With the input or output designation of ev-
ery pin fully under user program control, pull-high op-
tions for all ports and Wake-up option for all I/O pins, the
user is provided with an I/O structure to meet the needs
of a wide range of application possibilities.
The device provides 36-bit bidirectional input/output
lines labeled with port names PA, PB, PC, PD and PE.
These I/O ports are mapped to the Data Memory with
addresses as shown in the Special Purpose Data Mem-
ory table. All of these I/O lines can be used for input and
output operations. For input operation, these ports are
non-latching, which means the inputs must be ready at
the T2 rising edge of instruction
²MOV A,[m]², where m
denotes the port address. For output operation, all the
data is latched and remains unchanged until the output
latch is rewritten.
Pull-high Resistors
Many product applications require pull-high resistors for
their switch inputs usually requiring the use of an exter-
nal resistor. To eliminate the need for these external re-
sistors, I/O pins, when configured as an input have the
capability of being connected to an internal pull-high re-
sistor. The pull-high resistors are selectable via configu-
ration options and are implemented using weak PMOS
transistors.
Port Pin Wake-up
If the HALT instruction is executed, the device will enter
the Power Down Mode, where the system clock will stop
resulting in power being conserved, a feature that is im-
portant for battery and other low-power applications.
Various methods exist to wake-up the microcontroller,
one of which is to change the logic condition on one of
the port pins from high to low or low to high. After a
HALT instruction forces the microcontroller into the
Power Down Mode, the processor will remain in a
low-power state until the logic condition of the selected
wake-up pin on the port pin changes from high to low or
low to high. This function is especially suitable for appli-
cations that can be woken up via external switches.
Each pin on PA (by bit), PB, PC, PD, PE has the capabil-
ity to wake-up (by nibble) the device by falling and rising
edges. It means once there are one pin in is low or high
the I/O cannot wake-up the MCU.
I/O Port Control Registers
Each I/O port has its own control register PAC, PBC,
PCC, PDC and PEC to control the input/output configu-
ration. With this control register, each CMOS output or
input with or without pull-high resistor structures can be
reconfigured dynamically under software control. Each
of the I/O ports is directly mapped to a bit in its associ-
ated port control register.
For the I/O pin to function as an input, the corresponding
bit of the control register must be written as a
²1². This
will then allow the logic state of the input pin to be di-
rectly read by instructions. When the corresponding bit
of the control register is written as a
²0², the I/O pin will
be setup as a CMOS output. If the pin is currently setup
as an output, instructions can still be used to read the
t f
t L O W
t r
t H I G H
t S U : S T A
t H D : S T A
t S P
t H D : D A T
t S U : D A T
t S U : S T O
t B U F
V a l i d
V a l i d
S C L
S D A
S D A
O U T
t A A
Data EEPROM Timing Diagrams
t W R
S C L
S D A
8 t h b i t
A C K
W o r d n
S t o p
C o n d i t i o n
S t a r t
C o n d i t i o n
Note:
The write cycle time tWR is the time from a valid stop condition of a write sequence to the end of the valid start
condition of sequential command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com