Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8535EBVTANG Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MPC8535EBVTANG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535EBVTANG Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPC8535EBVTANG Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 126 page
background image
MPC8535E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Power Characteristics
Freescale Semiconductor
26
2.3
Power Characteristics
The estimated power dissipation for the core complex bus (CCB) versus the core frequency for this family of PowerQUICC III
devices is shown in Table 5.
Table 5. MPC8535E Power Dissipation 5
Power Mode
Core
Frequen
cy
CCB
Frequen
cy
DDR
Frequen
cy
VDD
Platfor
m
VDD
Core
Junction
Tempera
ture
Core Power
Platform Power9
Notes
(MHz)
(MHz)
(MHz)
(V)
(V)
(
°C)
mean7
Max
mean7
Max
Maximum (A)
600
400
400
1.0
1.0
105
/90
—
4.1/3.3
—
4.7/3.7
1, 3, 8
Thermal (W)
—
3.7/2.9
—
4.7/3.7
1, 4, 8
Typical (W)
65
1.5
—
1.5
—
1, 2
Doze (W)
1.2
1.9
1.4
1.9
1
Nap (W)
0.8
1.5
1.4
1.9
1
Sleep (W)
0.8
1.5
1.0
1.6
1
Deep Sleep
(W)
35
0
0
0.6
1.1
6
Maximum (A)
800
400
400
1.0
1.0
105
/ 90
—
4.5/3.7
—
4.7/3.7
1, 3, 8
Thermal (W)
—
3.9/3.1
—
4.7/3.7
1, 4, 8
Typical (W)
65
1.7
—
1.5
—
1, 2
Doze (W)
1.3
2.1
1.4
1.9
1
Nap (W)
0.8
1.5
1.4
1.9
1
Sleep (W)
0.8
1.5
1.0
1.6
1
Deep Sleep
(W)
35
0
0
0.6
1.1
1,6
Maximum (A)
1000
400
400
1.0
1.0
105
/ 90
—
4.8/4.0
—
4.7/3.7
1, 3, 8
Thermal (W)
—
4.1/3.3
—
4.7/3.7
1, 4, 8
Typical (W)
65
1.9
—
1.5
—
1, 2
Doze (W)
1.4
2.2
1.4
1.9
1
Nap (W)
0.8
1.6
1.4
1.9
1
Sleep (W)
0.8
1.6
1.0
1.6
1
Deep Sleep
(W)
35
0
0
0.6
1.1
1, 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com