Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8535EBVTANG Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC8535EBVTANG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535EBVTANG Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC8535EBVTANG Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 126 page
background image
MPC8535E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Pin Map
Freescale Semiconductor
12
DMA_DREQ[0:1]
/GPIO[14:15]
DMA Request
AB10,AD11
I
OVDD
—
DMA_DDONE[0:1]
/GPIO[12:13]
DMA Done
AA11,AB11
O
OVDD
—
DMA_DREQ[2]/LCS[5]
Chips selects / DMA Request H16
I/O
BVDD
1,29
DMA_DACK[2]/LCS[6]
Chips selects / DMA Ack
J16
O
BVDD
1,29
DMA_DDONE[2]/LCS[7]
Chips selects / DMA Done
L18
O
BVDD
1,29
DMA_DREQ[3]/IRQ[9]
External interrupt/DMA
request
AE13
I
OVDD
1
DMA_DACK[3]/IRQ[10]
External interrupt/DMA Ack
AD13
I/O
OVDD
1
DMA_DDONE[3]/IRQ[11]
External interrupt/DMA done
AD14
I/O
OVDD
1
USB Port 1
USB1_D[7:0]
USB1 Data bits
AF1,AE2,AE1,AD2,
AC2,AC1,AB2,AB1
I/O
OVDD
—
USB1_NXT
USB1 Next data
AF2
I
OVDD
—
USB1_DIR
USB1 Data Direction
AH1
I
OVDD
—
USB1_STP
USB1 Stop
AG1
O
OVDD
5,9
USB1_PWRFAULT
USB1 bus power fault.
AH2
I
OVDD
—
USB1_PCTL0/GPIO[6]
USB1 Port control 0
AC3
O
OVDD
—
USB1_PCTL1/GPIO[7]
USB1 Port control 1
AC4
O
OVDD
—
USB1_CLK
USB1 bus clock
AD1
I
OVDD
—
USB Port 2
USB2_D[7:0]
USB2 Data bits
AE6,AC6,AF5,AE5,
AF4,AE4,AE3,AD3
I/O
OVDD
—
USB2_NXT
USB2 Next data
AC7
I
OVDD
—
USB2_DIR
USB2 Data Direction
AF7
I
OVDD
—
USB2_STP
USB2 Stop
AD7
O
OVDD
5,9
USB2_PWRFAULT
USB2 bus power fault.
AC8
I
OVDD
—
USB2_PCTL0/GPIO[8]
USB2 Port control 0
AG9
O
OVDD
—
USB2_PCTL1/GPIO[9]
USB2 Port control 1
AC9
O
OVDD
—
USB2_CLK
USB2 bus clock
AD5
I
OVDD
—
—
Reserved
—
AH8
—
—
—
Reserved
—
AH7,AG6,AH6,AG5,
AG4,AH4,AG3,AH3,
AG7, AG8, AH9,AH5
——
27
Table 1. MPC8535E Pinout Listing
Signal
Signal Name
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com