Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8535EBVTANG Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC8535EBVTANG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535EBVTANG Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC8535EBVTANG Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 126 page
background image
Pin Map
MPC8535E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
11
LAD[0:31]
Muxed data / address
K22,L21,L22,K23,K24,
L24,L25,K25,L28,L27,
K28,K27,J28,H28,H27,
G27,G26,F28,F26,F25,
E28,E27,E26,F24,E24,
C26,G24,E23,G23,F22,
G22,G21
I/O
BVDD
5,9,29
LDP[0:3]
Data parity
K26,G28,B27,E25
I/O
BVDD
29
LA[27]
Burst address
L19
O
BVDD
5,9,29
LA[28:31]
Port address
K16,K17,H17,G17
O
BVDD
5,7,9,29
LCS[0:4]
Chip selects
K18,G19,H19,H20,G16
O
BVDD
29
LCS5/DMA_DREQ2
Chips selects / DMA Request H16
I/O
BVDD
1,29
LCS6/DMA_DACK2
Chips selects / DMA Ack
J16
O
BVDD
1,29
LCS7/DMA_DDONE2
Chips selects / DMA Done
L18
O
BVDD
1,29
LWE0/LBS0/LFWE
Write enable / Byte select
J22
O
BVDD
5,9,29
LWE[1:3]/LBS[1:3]
Write enable / Byte select
H22,H23,H21
O
BVDD
5,9,29
LBCTL
Buffer control
J25
O
BVDD
5,8,9,29
LALE
Address latch enable
J26
O
BVDD
5,8,9,29
LGPL0/LFCLE
UPM general purpose line 0 /
FLash command latch enable
J20
O
BVDD
5,9,29
LGPL1/LFALE
UPM general purpose line 1 /
Flash address latch enable
K20
O
BVDD
5,9,29
LGPL2/LOE/LFRE
UPM general purpose line 2 /
Output enable/Flash read
enable
G20
O
BVDD
5,8,9,29
LGPL3/LFWP
UPM general purpose line 3 /
Flash write protect
H18
O
BVDD
5,9,29
LGPL4/LGTA/LUPWAIT
/LPBSE/LFRB
UPM general purpose line 4 /
Target Ack/Wait/SDRAM
parity byte select/Flash
Ready-busy
L20
I/O
BVDD
29
LGPL5
UPM general purpose line 5 /
Amux
K19
O
BVDD
5,9,29
LCLK[0:2]
Local bus clock
H24,J24,H25
O
BVDD
29
LSYNC_IN
Synchronization
D27
I
BVDD
29
LSYNC_OUT
Local bus DLL
D28
O
BVDD
29
DMA
DMA_DACK[0:1]
/GPIO[10:11]
DMA Acknowledge
AD6,AE10
O
OVDD
—
Table 1. MPC8535E Pinout Listing
Signal
Signal Name
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com