Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8535EBVTANG Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MPC8535EBVTANG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535EBVTANG Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MPC8535EBVTANG Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 126 page
background image
eSPI
MPC8535E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
37
Figure 11 provides the AC test load for the DDR bus.
Figure 11. DDR AC Test Load
2.7
eSPI
This section describes the DC and AC electrical specifications for the eSPI of the MPC8535E.
2.7.1
eSPI DC Electrical Characteristics
Table 20 provides the DC electrical characteristics for the device eSPI.
2.7.2
eSPI AC Timing Specifications
Table 21 and provide the eSPI input and output AC timing specifications.
Table 20. SPI DC Electrical Characteristics
Characteristic
Symbol
Condition
Min
Max
Unit
Output high voltage
VOH
IOH = –6.0 mA
2.4
—
V
Output low voltage
VOL
IOL = 6.0 mA
—
0.5
V
Output low voltage
VOL
IOL = 3.2 mA
—
0.4
V
Input high voltage
VIH
—2.0
OVDD + 0.3
V
Input low voltage
VIL
—
–0.3
0.8
V
Input current
IIN
0 V
≤ VIN ≤ OVDD
—±10
μA
Table 21. SPI AC Timing Specifications1
Characteristic
Symbol 2
Min
Max
Unit
Note
SPI_MOSI output—Master data (internal clock) hold time
tNIKHOX
tNIKHOX
0.5
4.0
—
—
ns
—
3
SPI_MOSI output—Master data (internal clock) delay
tNIKHOV
tNIKHOV
—
—
6.0
7.4
ns
3
—
SPI_CS outputs—Master data (internal clock) hold time
tNIKHOX2
0—
ns
—
Output
Z0 = 50 Ω
RL = 50 Ω
GVDD/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com