Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8535EBVTANG Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MPC8535EBVTANG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535EBVTANG Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MPC8535EBVTANG Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 126 page
background image
MPC8535E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Pin Map
Freescale Semiconductor
18
XVDD
SerDes 1 transceiver supply
M21,N23,P20,R22,T20,
U23,V21,W22,Y20,
AA23
—XVDD
—
S2VDD
SerDes 2 core logic supply
R6,N7,M9
—
S2VDD
—
X2VDD
SerDes 2 transceiver supply
R11,N12,L11
—
X2VDD
—
VDD_CORE
Core, L2 logic supply
P13,U16,L16,M15,N14,
R14,P15,N16,M13,
U14,T13,L14,T15,R16,
K13
—VDD_CORE
—
VDD_PLAT
Platform logic supply
T19,T17,V17,U18,R18,
N18,M19,P19,P17,M17
—VDD_PLAT
—
AVDD_CORE
CPU PLL supply
AH16
—
AVDD_CORE
20,28
AVDD_PLAT
Platform PLL supply
AH18
—
AVDD_PLAT
20
AVDD_DDR
DDR PLL supply
AH19
—
AVDD_DDR
20
AVDD_LBIU
Local Bus PLL supply
C28
—
AVDD_LBIU
20
AVDD_PCI1
PCI PLL supply
AH20
—
AVDD_PCI1
20
AVDD_SRDS
SerDes 1 PLL supply
W28
—
AVDD_SRDS
20
AVDD_SRDS2
SerDes 2 PLL supply
T1
—
AVDD_SRDS2
20
SENSEVDD_CORE
—
V15
—
VDD_CORE
13
SENSEVDD_PLAT
—
W17
—
VDD_PLAT
13
GND
Ground
D5,AE7,F4,D26,D23,
C12,C15,E20,D8,B10,
AF3,E3,J14,K21,F8,A3,
F16,E12,E15,D17,L1,
F21,H1,G13,G15,G18,
C6,A14,A7,G25,H4,
C20,J12,J15,J17,F27,
M5,J27,K11,L26,K7,
K8,T14,V14,M16,M18,
P14,N15,N17,N19,N2,
P5,P16,P18,M14,R15,
R17,R19,T16,T18,L17,
U15,U17,U19,V18,C27,
Y13,AE26,AA19,AE21,
B28,AC11,AD19,AD23,
L15,AD15,AG23,AE9,
A27,V7,Y7,AC5,U4,Y4,
AE12,AB9,AA14,N13,
R13,L13
——
—
XGND
SerDes 1Transceiver pad
GND (xpadvss)
M20,M24,N22,P21,
R23,T21,U22,V20,
W23, Y21
——
—
Table 1. MPC8535E Pinout Listing
Signal
Signal Name
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com