Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7530 Datasheet(PDF) 30 Page - Sitronix Technology Co., Ltd.

Part # ST7530
Description  65K Color Dot Matrix LCD Controller/Driver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7530 Datasheet(HTML) 30 Page - Sitronix Technology Co., Ltd.

Back Button ST7530 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 100 page
background image
ST7530
Ver 1.8
30/100
2006/9/18
Memory Map (using the 32 gray-scale, dithered 262K/16M color, 16-bit mode)
RGB alignment (Command of data control CLR = 0)
Column
CI = 0
0
1
2
3
4
5
252
253
254
255
Color
R
G
B
R
G
B
R
G
B
R
Data Line
D15’1,0
D14’1,0
D13’1,0
D12’1,0
D11’1,0
D7’1,1
D6’1,1
D5’1,1
D4’1,1
D3’1,1
D15’2,2
D14’2,2
D13’2,2
D12’2,2
D11’2,2
D15’1,3
D14’1,3
D13’1,3
D12’1,3
D11’1,3
D7’1,4
D6’1,4
D5’1,4
D4’1,4
D3’1,4
D15’2,5
D14’2,5
D13’2,5
D12’2,5
D11’2,5
D15’1,252
D14’1,252
D13’1,252
D12’1,252
D11’1,252
D7’1,253
D6’1,253
D5’1,253
D4’1,253
D3’1,253
D15’2,254
D14’2,254
D13’2,254
D12’2,254
D11’2,254
D15’1,255
D14’1,255
D13’1,255
D12’1,255
D11’1,255
CI = 1
255
254
253
252
251
250
3
2
1
0
Color
R
B
G
R
B
G
R
B
G
R
LCD
read
direction
Data Line
Block
LI = 0 LI = 1
D15’1,255
D14’1,255
D13’1,255
D12’1,255
D11’1,255
D15’2,254
D14’2,254
D13’2,254
D12’2,254
D11’2,254
D7’1,253
D6’1,253
D5’1,253
D4’1,253
D3’1,253
D15’1,252
D14’1,252
D13’1,252
D12’1,252
D11’1,252
D15’2,251
D14’2,251
D13’2,251
D12’2,251
D11’2,251
D7’1,250
D6’1,250
D5’1,250
D4’1,250
D3’1,250
D15’1,3
D14’1,3
D13’1,3
D12’1,3
D11’1,3
D15’2,2
D14’2,2
D13’2,2
D12’2,2
D11’2,2
D7’1,1
D6’1,1
D5’1,1
D4’1,1
D3’1,1
D15’1,0
D14’1,0
D13’1,0
D12’1,0
D11’1,0
0
159
1
158
2
157
0
3
156
4
155
5
154
6
153
1
7
152
8
151
2
9
150
152
7
153
6
154
5
38
155
4
156
3
157
2
158
1
39
159
0
SEGout
0
1
2
3
4
5
252
253
254
255
You can change position of R and B with DATACTRL command.
Dki,j is the k
th data bit of the ith write for pixel j, and Dk’
i,j is the k
th data bit of the ith write for pixel j after dithering or truncating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com