Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7530 Datasheet(PDF) 21 Page - Sitronix Technology Co., Ltd.

Part # ST7530
Description  65K Color Dot Matrix LCD Controller/Driver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7530 Datasheet(HTML) 21 Page - Sitronix Technology Co., Ltd.

Back Button ST7530 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
ST7530
Ver 1.8
21/100
2006/9/18
8.2 ACCESS TO DDRAM AND INTERNAL REGISTERS
Since ST7530 access from MPU by pipeline processing via the bus holder attached to the internal that requires only the
cycle time but no waiting time, it can achieves high-speed data transfer.
For example, when MPU writes data to the DDRAM, the data is once held by the bus holder and then written to the
DDRAM before the succeeding write cycle start. When MPU reads data from the DDRAM, the first read cycle is dummy
and the data read in the dummy cycle is held by the bus holder, and then it read from the bus holder to the system bus in
the succeeding read cycle. Fig. 8.2.1 illustrates these relations.
N
D(N)
D(N+1) D(N+2)
D(N+3)
N
D(N)
D(N+1)
D(N+2)
D(N+3)
N
N+1
N+2
N+3
MPU signal
A0
/WR
DATA
Internal signals
/WR
BUS HOLDER
COLUMN ADDRESS
Write
Operation
N
Dummy
D(N)
D(N+1)
MPU signal
A0
/WR
DATA
Internal signals
/W R
COLUMN ADDRESS
/RD
N
D(N)
D(N+1)
D(N+2)
D(N)
D(N+1)
D(N+2)
N
/RD
BUS HOLDER
Read
Operation
Fig 8.2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com