Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7530 Datasheet(PDF) 43 Page - Sitronix Technology Co., Ltd.

Part # ST7530
Description  65K Color Dot Matrix LCD Controller/Driver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7530 Datasheet(HTML) 43 Page - Sitronix Technology Co., Ltd.

Back Button ST7530 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 100 page
background image
ST7530
Ver 1.8
43/100
2006/9/18
EXT= “0” or “1”
(1) Extension instruction disable (EXT IN) - Parameter Byte: None (30H)
Use the “EXT=0” command table
A0
RD
WR
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
0
0
1
1
0
0
0
0
(2) Extension instruction enable (EXT OUT) - Parameter Byte: None (31H)
Use the extended command table EXT=”1”
A0
RD
WR
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
0
0
1
1
0
0
0
1
EXT= “0”
(1) Display ON (DISON) - Parameter Byte: None (AFH)
It is to turn the display on. When the display is turned on, segment and common outputs are generated at the level
corresponding to the display data and display timing. As long as the sleep mode is selected, the display cannot be turned
on. Thus, whenever using this command, the sleep mode must be cancelled first.
A0
RD
WR
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
1
0
1
0
1
1
1
1
(2) Display OFF (DISOFF) - Parameter Byte: None (AEH)
It is to forcibly turn the display off. As long as the display is turned off, every segment and common outputs are forced to
VSS level.
A0
RD
WR
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
1
0
1
0
1
1
1
0
(3) Normal display (DISNOR) - Parameter Byte: None (A6H)
It is to normally highlight the display area without modifying contents of the display data RAM.
A0
RD
WR
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
1
0
1
0
0
1
1
0
(4) Inverse display (DISINV) - Parameter Byte: None (A7)
It is to inversely highlight the display area without modifying contents of the display data RAM. This command does not
invert non-display areas in case of using partial display.
A0
RD
WR
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
1
0
1
0
0
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com