Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7530 Datasheet(PDF) 17 Page - Sitronix Technology Co., Ltd.

Part # ST7530
Description  65K Color Dot Matrix LCD Controller/Driver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7530 Datasheet(HTML) 17 Page - Sitronix Technology Co., Ltd.

Back Button ST7530 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 100 page
background image
ST7530
Ver 1.8
17/100
2006/9/18
8. FUNCTIONAL DESCRIPTION
8.1 MICROPROCESSOR INTERFACE
Chip Select Input
The XCS pin is for chip selection. The ST7530 can function with an MPU when XCS is "L". In case of serial interface, the
internal shift register and the counter are reset.
8.1.1 Selecting Parallel / Serial Interface
ST7530 has six types of interface with an MPU, which are four parallel and three serial interfaces. This parallel or serial
interface is determined by IF pin as shown in table 8.1.1.
Table 8.1.1 Parallel / Serial Interface Mode
IF1 IF2 IF3
Interface type
XCS
A0
/RD(E) /WR(R/W) D15 to D8
D7 to D0
SI
SCL
ACK
H
H
H
80 serial 16-bit parallel XCS
A0
/RD
/WR
D15 to D8
D7 to D0
--
--
--
H
H
L
80 serial 8-bit parallel XCS
A0
/RD
/WR
--
D7 to D0
--
--
--
H
L
L
68 serial 16-bit parallel XCS
A0
E
R/W
D15 to D8
D7 to D0
--
--
--
L
H
H
68 serial 8-bit parallel XCS
A0
E
R/W
--
D7 to D0
--
--
--
L
L
H
9-bit SPI mode (3 line) XCS
--
--
--
--
SI
SCL
--
L
L
L
8-bit SPI mode (4 line) XCS
A0
--
--
--
SI
SCL
--
Note: “--” means “disabled” in pins A0, E_RD, and RW_WR, and “high impedance” in pins DB0 to DB15.
8.1.2 8- or 16-bit Parallel Interface
The ST7530 identifies the type of the data bus signals according to the combination of A0, /RD (E) and /WR (W/R) as
shown in table 8.1.2.
Table 8.1.2 Parallel Data Transfer
Common
6800-series
8080-series
A0
R/W
E
/RD
/WR
Description
H
H
H
L
H
Display data read out
H
L
H
H
L
Display data write
L
H
H
L
H
Register status read
L
L
H
H
L
Writes to internal register (instruction)
Relation between Data Bus and Gradation Data
ST7530 offers the dithered 65K, dithered 262K, and dithered 16M color display.
When using 65K, 262K, and 16M color, you can specify color for each of R, G, B using the palette function.
(1) 65K color display
1. 8-bit mode
D7 D6 D5 D4 D3 D2 D1 D0
R R R R R G G G 1st write
G G G B B B B B 2nd write
A single pixel of data is read after the second write operation as shown, and it is written in the display RAM.
2. 16-bit mode
D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
R
R
R
R
R
G
G G G G G B B B B B
Data is acquired through the operation of writing signal, and then written to the display RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com