Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS301111C01L Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # RS301111C01L
Description  Standard Type竊늆uper SlideTM)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS301111C01L Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  RS301111C01L Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General-use
Slide
Potentiometers
Rotary
Potentiometers
402
Mixer
Standard Type
(Super Slide
TM)
RS
□□1 Series
Solderable with auto dipping and available in a wide variety.
Product Line
Number of
resistor
elements
Travel
(mm)
Products No.
Lever
types
Length of
lever
(mm)
Total
resistance
(kΩ)
Resistance
taper
Detent
Mounting
plate
Minimum
packing
unit
(pcs.)
Drawing
No.
Single-unit
Dual-unit
30
45
30
RS301111J00P
RS30111AJ01R
RS301111J00R
RS301111J00W
RS30111AJ01K
RS301111A01G
RS301111C01L
RS30111AC00V
RS45111ABA02
RS30112AC00J
RS30112AJA02
J-1
A
C
B
C
J-1
5
5
10
10
50
10
15A
Without
Without
1,000
1
2
1
2
3
4
5
6
7
8
With
Without
Without
With
With
1B
15A
1B
3B
Insulated lever
Slide Potentiometer
Number of
resistor
elements
Travel
(mm)
Products No.
Lever
types
Length of
lever
(mm)
Total
resistance
(kΩ)
Resistance
taper
Detent
Mounting
plate
Minimum
packing
unit
(pcs.)
Drawing
No.
Single-unit
Dual-unit
15
30
45
60
45
60
RS15111A900B
RS30111A9012
RS3011114A02
RS30111A602N
RS45111A900F
RS4511119A04
RS6011YA600M
RS6011Y19004
RS6011Y1600Q
RS451121400A
RS45112A400G
RS60112A600N
RS60112A600U
9-1
4
6
9-1
6
9-1
6
4
6
10
10
15
10
15
10
15
20
15
20
10
20
15A
Without
With
1,000
9
10
11
12
13
14
15
16
17
18
19
20
Without
With
Without
With
Without
With
1B
1B
15A
15A
Metal lever
Products other than those listed in above products are also available. Please contact us for details.
Note
Refer to P.408 for product varieties.
Refer to
P.408 for configuration details.
±20%
0.3
to 2.5N
50V AC, 10V DC
15,000cycles
Total resistance tolerance
Operating life
Maximum operating voltage
Operating force
−25℃to+70℃
Operating temperature range
Items
Specifications
Typical Specifications


Similar Part No. - RS301111C01L

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS301111C01L ALPS-RS301111C01L Datasheet
1Mb / 11P
Solderable with auto dipping and available in a wide variety
RS301111C01L ALPS-RS301111C01L Datasheet
1Mb / 11P
Solderable with auto dipping and available in a wide variety
logo
List of Unclassifed Man...
RS301111C01L ETC-RS301111C01L Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
More results

Similar Description - RS301111C01L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TG25C ETC-TG25C Datasheet
134Kb / 2P
TRIAC竊뉹SOLATED TYPE竊
logo
SanRex Corporation
DKR300AB60 SANREX-DKR300AB60 Datasheet
94Kb / 2P
DIODE MODULE竊뉿ON-ISOLATED TYPE竊
DKR400AB60 SANREX-DKR400AB60 Datasheet
83Kb / 2P
DIODE MODULE竊뉿ON-ISOLATED TYPE竊
logo
ALPS ELECTRIC CO.,LTD.
RS15M111J002 ALPS-RS15M111J002 Datasheet
222Kb / 5P
Slim SlideTM竊뉽ow-profile竊
RS6011SY6002 ALPS-RS6011SY6002 Datasheet
173Kb / 4P
Low-profile Master Type竊늆uper Y Fader竊
RS60K11A9000 ALPS-RS60K11A9000 Datasheet
187Kb / 5P
Master Type竊뉻 Fader竊
RS60N11S4003 ALPS-RS60N11S4003 Datasheet
203Kb / 4P
Low-profile Master Type竊늆lim Type竊
logo
SanRex Corporation
PWB80A SANREX-PWB80A Datasheet
112Kb / 2P
THYRISTOR MODULE竊뉿ON-ISOLATED TYPE竊
TG25C SANREX-TG25C Datasheet
137Kb / 2P
TRIAC竊뉹SOLATED TYPE竊
TG25F SANREX-TG25F Datasheet
96Kb / 2P
TRIAC竊뉹SOLATED TYPE竊
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com