Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS301111C01L Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # RS301111C01L
Description  Standard Type竊늆uper SlideTM)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS301111C01L Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  RS301111C01L Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
General-use
Slide
Potentiometers
Rotary
Potentiometers
406
Mixer
70
L :
Lug terminal
6-ø1.
1 hole
s
Dimensions
Unit:mm
No.
13
14
15
16
PC board mounting hole dimensions
32.5
15
(17.5)
50
2-ø2
holes
3-ø1.5
holes
50
3-ø1.5
holes
The length of the operating part
(L1)can be customized. Refer to P.408 for details.
60
0.6
2
1.2
4
5
4-R0.3
max.
6.6
0.4
71
75
1
Mounting surface
Style
6.6
4-R0.3
max.
2
1.2
5
4
45
0.4
60
56
Mounting surface
1
1
6.6
4-R0.3
max.
2
1.2
5
4
45
0.4
60
56
Mounting surface
1
1
6.6
4-R0.3
max.
2
1.2
5
4
60
0.4
75
71
Mounting surface
1
0.6
70
47.5
6-ø1
.1 ho
les
(25)
22.5
L :
Lug terminal
Standard Type
(Super Slide
TM) RS□□1 Series
Slide Potentiometer



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com