Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS301111C01L Datasheet(PDF) 8 Page - ALPS ELECTRIC CO.,LTD.

Part # RS301111C01L
Description  Standard Type竊늆uper SlideTM)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS301111C01L Datasheet(HTML) 8 Page - ALPS ELECTRIC CO.,LTD.

  RS301111C01L Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
General-use
Slide
Potentiometers
409
Rotary
Potentiometers
Mixer
Orders Other Than Recommended Products
When ordering product varieties that are not listed in the Product Line, please specify by referring to the below example.
Length of operation unit
If the length is less than 10 mm, add a "0" before the number.
(e.x., 5 mm length="05")
Code
C0
C1
Detent
Without
Center
Code
P0
P1
Mounting plate
Without
With
Code
A
A
B
Resistance taper
15A
1B
D
10A
W
4B
V
3B
C
15C
Sample Part Number
Code
J1
0A
0C
0B
Configuration
J-1
A
C
B
Length
5
10
15
10
15
10
15
Code
91
92
04
06
Configuration
9-1
9-2
4
6
Length
10
5
15
20
15
20
Insulated lever
Metal lever
Code
Total resistance
(kΩ)
Code
Total resistance
(kΩ)
104
100
103
10
203
20
204
200
503
50
1 Y
0 A
6
S
R
0
1
1
1
C
5
1
P 1
B
0
1
3
Detent
Mounting plate
Resistance taper
Lever type/Length of operation unit
(mm)
Total resistance
Specify the travel distance from the below codes.
Number of resistor elements
Single
Dual
1
(Enter "Y" for 60 mm travel)
2
Travel
(mm) Code
Travel
(mm) Code
15
15
45
45
30
30
20
20
60
60
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
Rotation travel (
%)
Term."1"
Term."3"
D(10A)
A(1
5A
)
J
100
90
80
70
60
50
40
30
20
10
0
10
20
30
40
50
60
70
80
90
100
C(1
5C)
Rotation travel (
%)
Term."1"
Term."3"
J
B:For tone & general
V:For vol.
marked are specifications recommended by ALPS.
Note
Standard Type Slide Potentiometer
(Super Slide
TM)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com