Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS301111C01L Datasheet(PDF) 7 Page - ALPS ELECTRIC CO.,LTD.

Part # RS301111C01L
Description  Standard Type竊늆uper SlideTM)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS301111C01L Datasheet(HTML) 7 Page - ALPS ELECTRIC CO.,LTD.

  RS301111C01L Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
General-use
Slide
Potentiometers
Rotary
Potentiometers
408
Mixer
Standard Type Slide Potentiometer
(Super Slide
TM)
Product Varieties
In addition to the recommended products, the following specifications can also be accommodated.
t=1.2
t=1.2
t=1.2
t=2
t=2
t=1.2
Lever Types
Metal lever
Code
Dimensions
9-2
6
4
Insulated lever configuration
B
6.6
5
R0
.5
6.6
R0
.3
m
ax.
R0
.3
m
ax.
4
5
4
6.6
5
(R
0.
3)
3
3
5
4
6.6
9-1
Insulated lever
Code
Dimensions
J-1
C
C0
.5
5
1
6.6
5
C1
5
4
2
6.6
1.8
1.2
(R
0.3
)
A
6.6
1.6
25˚
4.9
6
30˚
45˚
L1
10
L1
5
L1
15
20
L1
5
t=1.2
L1
15
20
L1
10
15
L1
10
15
L1
10
15
Resistance
taper
3B, 15C
Dust cover
Available
Tap
Available
(Only the center-
positioned
)
Corresponding Specifications
Unit:mm
Unit:mm
DC(10VDC)is also available.(Tapped types are not available)
Note
15
20
30
45
60
1B
4B
10A
15A
Travel
(mm)
Resistance taper
Travel Distance Variety
10
20
50
100
200
Total resistance
(kΩ)
Resistance Taper
Total Resistance Variety
marked are specifications recommended by ALPS.
Note
Terminal Layout/Circuit Diagram
Single-unit
Dual-unit
(with lug terminal)
(RS6011Y only)
!
!

!

Dual-unit
Refer to P.408, 502 for resistance taper.
1
L :
Lug terminal
3
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com