Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS301111C01L Datasheet(PDF) 9 Page - ALPS ELECTRIC CO.,LTD.

Part # RS301111C01L
Description  Standard Type竊늆uper SlideTM)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS301111C01L Datasheet(HTML) 9 Page - ALPS ELECTRIC CO.,LTD.

  RS301111C01L Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
General-use
Slide
Potentiometers
401
Rotary
Potentiometers
Mixer
● Slide Potentiometers Cautions …………………………………………………………………………………………420, 421
1. "L" in the "Lever Wobble" column of the above table indicates the length of lever.
2. Products other than those listed in the above list are also available. Please contact us for details.
3. The resistance taper specification in
()are individually defined.
4.
「RS□□」 □□ indicates travel.
Notes
List of Varieties
10, 20, 50, 100, 200
5, 10, 20, 50, 100 200, 250
RS
□□H1□
RS
□□M11
Type
Super Slide
TM
RS
□□11□
Slim Slide
TM
(Slim4)
Slim Slide
TM
(Low-Profile)
Operating force
Stopper
strength
Lever push-pull
strength
Lever wobble
(mm)
※Both sides
Detent slip-out
force
Lever deviation
(mm)
※One side
0.3 to 2.5N
50N
2
(2×L)
20
Operating force+
(0.2 to 2N)
0.2 to 1.1N
0.15 to 0.8N
30N
1.6 max.
Operating force+
(0.05 to 0.8N)
30N
With detent feeling
20N
0.5 max.
Manual
soldering
Dip soldering
350
℃ max. 3s max.
260
℃ max. 5s max.
Total resistance
(kΩ)
Cold
Dry heat
Resistance
taper
Damp heat
−30±2℃ for 96h
70
±2℃ for 96h
70
±2℃ for 240h
15A, 1B, 4B, 10A, 3B, 15C
15A, 1B, 3B
40
±2℃, 90 to 95%RH for 96h
Travel
(mm)
photo
Number of resistor
elements
Direction of lever
Vertical
Horizontal
Vertical
Horizontal
Single-unit
Dual-unit
Single-unit
Dual-unit
Single-unit
Dual-unit
Single-unit
15
(RS15111)
20
(RS20111)
30
(RS30111)
45
(RS45111)
60
(RS6011Y)
20
(RS20112)
30
(RS30112)
45
(RS45112)
60
(RS60112)
15
(RS15H111)
15
(RS15H113)
20
(RS20H111)
20
(RS20H113)
30
(RS30H111)
15
(RS15H11A)
20
(RS20H11A)
20
(RS20H11C)
30
(RS30H11A)
15
(RS15H12A)
20
(RS20H12A)
30
(RS30H12A)
15
(RS15M111)
20
(RS20M111)
20
(RS20M113)
15
(RS15M11A)
20
(RS20M11A)
15
(RS15H121)
20
(RS20H123)
30
(RS30H121)
Page
402
410
416
Slide Potentiometers



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com