Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6602ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF6602ACPZ-R7
Description  1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6602ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADRF6602ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADRF6602
Rev. 0 | Page 5 of 24
LOGIC INPUT AND POWER SPECIFICATIONS
VS = 5 V; ambient temperature (TA) = 25°C; fREF = 38.4 MHz; fPFD = 38.4 MHz; high-side LO injection; fIF = 140 MHz; IIP3 optimized
using capacitor DAC (0x0) and IP3SET (3.3 V), unless otherwise noted.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
LOGIC INPUTS
CLK, DATA, LE
Input High Voltage, VINH
1.4
3.3
V
Input Low Voltage, VINL
0
0.7
V
Input Current, IINH/IINL
0.1
μA
Input Capacitance, CIN
5
pF
POWER SUPPLIES
VCC1, VCC2, VCC_LO, VCC_MIX, and VCC_V2I pins
Voltage Range
4.75
5
5.25
V
Supply Current
PLL only
97
mA
External LO mode (internal PLL disabled,
IP3SET pin = 3.3 V)
165
mA
Internal LO mode (internal PLL enabled,
IP3SET pin = 3.3 V)
262
mA
Power-down mode
30
mA
TIMING CHARACTERISTICS
VCC2 = 5 V ± 5%.
Table 4.
Parameter
Limit
Unit
Description
t1
20
ns min
LE setup time
t2
10
ns min
DATA to CLK setup time
t3
10
ns min
DATA to CLK hold time
t4
25
ns min
CLK high duration
t5
25
ns min
CLK low duration
t6
10
ns min
CLK to LE setup time
t7
20
ns min
LE pulse width
Timing Diagram
CLK
DATA
LE
DB23 (MSB)
DB22
DB2
DB1
(CONTROL BIT C2)
(CONTROL BIT C3)
DB0 (LSB)
(CONTROL BIT C1)
t1
t2
t3
t7
t6
t4
t5
Figure 2. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com