Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6602ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF6602ACPZ-R7
Description  1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6602ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF6602ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADRF6602
REGISTER 2—FRACTIONAL DIVIDE CONTROL (DEFAULT: 0x001802)
Rev. 0 | Page 12 of 24
FD10
FD9
FD8
FD7
FD6
FD5
FD4
FD3
FD2
FD1
FD0
0
0
00
00
000
00
0
0
00
00
000
01
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
0
1
10
00
000
00
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
FRACTIONAL VALUE MUST BE LESS THAN MODULUS
FRACTIONAL VALUE
0
1
...
...
768 (DEFAULT)
...
...
<MDR
FRACTIONAL VALUE
RESERVED
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
CONTROL BITS
00
000
00
000
FD10
FD9
FD8
FD7
FD6
FD5
FD4
FD3
FD2
FD1
FD0
C3(0)
C2(1)
C1(0)
Figure 15. Register 2—Fractional Divide Control Register Map
REGISTER 3—Σ-Δ MODULATOR DITHER CONTROL (DEFAULT: 0x10000B)
DITHER
ENABLE
DB23
DB22
DB21
DB20
DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3 DB2 DB1
DB0
0
DITH1
DITH0
DEN
DV16 DV15 DV14 DV13 DV12 DV11 DV10 DV9
DV8
DV7
DV6
DV5
DV4
DV3
DV2
DV1
DV0 C3(0) C2(1) C1(1)
DITH1
DITH0
00
01
10
11
DEN
0
1
DITHER
MAGNITUDE
DITHER RESTART VALUE
CONTROL BITS
DITHER MAGNITUDE
15 (DEFAULT)
7
3
1 (RECOMMENDED)
DITHER ENABLE
DISABLE (RECOMMENDED)
ENABLE (DEFAULT)
DV16 DV15 DV14 DV13 DV12 DV11 DV10 DV9
DV8
DV7
DV6
DV5
DV4
DV3
DV2
DV1
DV0
DITHER RESTART
VALUE
00000000000000001
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
11111111111111111
0x00001 (DEFAULT)
...
...
0x1FFFF
Figure 16. Register 3—Σ-Δ Modulator Dither Control Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com