Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6602ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF6602ACPZ-R7
Description  1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6602ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF6602ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADRF6602
Rev. 0 | Page 9 of 2
TYPICAL PERFORMANCE CHARACTERISTICS
CDAC = 0x0, IP3SET = 3.3 V, internally generated LO, RFIN = −10 dBm, fIF = 140 MHz, unless otherwise noted.
4
–5
1550
1650
1750
1850
1950
2050
2150
LO FREQUENCY (MHz)
–4
–3
–2
–1
0
1
2
3
4
5
+25°C
+85°C
–40°C
Figure 4. Gain vs. LO Frequency
+25°C
+85°C
5
10
15
20
25
30
35
40
45
1550
1650
1750
1850
1950
2050
2150
LO FREQUENCY (MHz)
–40°C
+25°C
Figure 7. IIP3 vs. LO Frequency, RFIN = −5 dBm
30
1550
1650
1750
1850
1950
2050
2150
LO FREQUENCY (MHz)
40
50
60
70
80
90
+85°C
–40°C
Figure 5. IIP2 vs. LO Frequency, RFIN = −5 dBm
+25°C
10
1550
1650
1750
1850
1950
2050
2150
LO FREQUENCY (MHz)
11
12
13
14
15
16
17
18
19
20
+85°C
–40°C
Figure 6. Noise Figure vs. LO Frequency
+85°C
0
2
4
6
8
10
12
14
16
18
20
1550
1650
1750
1850
1950
2050
2150
+25°C
–40°C
LO FREQUENCY (MHz)
Figure 8. IP1dB vs. LO Frequency
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
1550
1650
1750
1850
1950
2050
2150
–40°C
+85°C
+25°C
LO FREQUENCY (MHz)
Figure 9. LO Feedthrough to IF vs. LO Frequency, LO Output Turned Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com