Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6602ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADRF6602ACPZ-R7
Description  1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6602ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADRF6602ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADRF6602
Rev. 0 | Page 17 of 24
R22
0
(0402)
RFIN
APPLICATIONS INFORMATION
BASIC CONNECTIONS FOR OPERATION
Figure 21 shows the schematic for the ADRF6602 evaluation
board. The six power supply pins should be individually
decoupled using 100 pF and 0.1 μF capacitors located as
close as possible to the device. In addition, the internal decou-
pling nodes (DECL3P3, DECL2P5, and DECLVCO) should
be decoupled with the capacitor values shown in Figure 21.
The RF input is internally ac-coupled and needs no external
bias. The IF outputs are open collector, and a bias inductor
is required from these outputs to VCC.
A peak-to-peak differential swing on RFIN of 1 V (0.353 V rms
for a sine wave input) results in an IF output power of 3.8 dBm.
The reference frequency for the PLL should be from 12 MHz
to 160 MHz and should be applied to the REF_IN pin, which
should be ac-coupled and terminated with a 50 Ω resistor as
shown in Figure 21. The reference signal, or a divided-down
version of the reference signal, can be brought back off chip at
the multiplexer output pin (MUXOUT). A lock detect signal
and a voltage proportional to the ambient temperature can also
be selected on the multiplexer output pin.
The loop filter is connected between the CP and VTUNE pins.
When connected in this way, the internal VCO is operational.
For information about the loop filter components, see the
Evaluation Board Configuration Options section.
Operation with an external VCO is also possible. In this case,
the loop filter components should be referred to ground. The
output of the loop filter is connected to the input voltage pin of
the external VCO. The output of the VCO is brought back into
the device on the LOP and LON pins, using a balun if necessary.
MUX
RSET
CP
VTUNE
LODRV_EN
LON
LOP
2:1
MUX
VCO
CORE
TEMP
SENSOR
DECL2P5
DECL3P3
BUFFER
BUFFER
DECLVCO
IFN
IFP
1
2
4
35
IP3SET
RFIN
+
CHARGE PUMP
250µA,
500µA (DEFAULT),
750µA,
1000µA
PRESCALER
÷2
MUXOUT
REF_IN
ADRF6602
19
18
40
39
3
5
4
8
6
38
37
36
7
11 15 20 21 23 24 25 28 30 31 35
2
26
9
PHASE
FREQUENCY
DETECTOR
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
FRACTION
MODULUS
INTEGER
REG
REG
N COUNTER
21 TO 123
×2
÷2
÷4
DIVIDER
÷2
SPI
INTERFACE
C43
10µF
(0603)
C14
270pF
(0603)
CP
TEST
POINT
(ORANGE)
C13
27pF
(0603)
C40
OPEN
(0603)
VTUNE
C15
5.6nF
(1206)
C7
0.1µF
(0402)
VCC
RED
+5V
VCC
C2
OPEN
(0402)
C1
100pF
(0402)
R1
0
(0402)
R38
0
(0402)
R37
0
(0402)
R2
OPEN
(0402)
R63
OPEN
(0402)
R65 0
(0402)
R9 18k
(0402)
R12
0
(0402)
R10
1.6k
(0603)
R62
0
(0402)
C42
10µF
(0603)
C17
0.1µF
(0402)
R11
OPEN
(0402)
RFOUT
C16
100pF
(0402)
R18
0
(0402)
C41
OPEN
(0603)
C11
0.1µF
(0402)
C27
0.1µF
(0402)
C29
0.1µF
(0402)
C12
100pF
(0402)
R8
0
(0402)
R16
0
(0402)
C13
1nF
(0402)
1nF
(0402)
C6
R41
0
(0402)
R39
OPEN
(0402)
VCC1
RED
S1
OPEN
R40
0
(0402)
C5
1nF
(0402)
R73
49.9
(0402)
4
LO IN/OUT
3
51
T8
TC1-1-13+
REF_IN
REFOUT
R20
0
(0402)
R43
10k
(0402)
R19
0
(0402)
S2
R47
10k
(0402)
R35
0
(0402)
R30
0
(0402)
R42
OPEN
(0402)
R48
0
(0402)
R36
0
(0402)
P1
9-PIN
DSUB
VCC_LO
VCC2
VCC1
34
27
17
10
1
13
16
12
22
C8
100pF
(0402)
R6
0
(0402)
C27
0.1µF
(0402)
C26
100pF
(0402)
R27
0
(0402)
C25
0.1µF
(0402)
C24
100pF
(0402)
R26
0
(0402)
C23
0.1µF
(0402)
C22
100pF
(0402)
R25
0
(0402)
C20
0.1µF
(0402)
C21
100pF
(0402)
R24
0
(0402)
C19
0.1µF
(0402)
C18
100pF
(0402)
R17
0
(0402)
1
2
3
4
5
6
7
8
9
C30
OPEN
(0402)
R45
OPEN
(0402)
C31
OPEN
(0402)
C32
OPEN
(0402)
R44
OPEN
(0402)
14
29
DIV
BY
4, 2, 1
R27
0
(0402)
R43
0
(0402)
VCC
+5V
R27
0
(0402)
VCC_MIX
VCC_V2I
VCC_LO
Figure 21. Basic Connections for Operation of the ADRF6602



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com