Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6602ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF6602ACPZ-R7
Description  1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6602ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF6602ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6602ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADRF6602
Rev. 0 | Page 11 of 24
REGISTER STRUCTURE
This section provides the register maps for the ADRF6602. The three LSBs determine the register that is programmed.
REGISTER 0—INTEGER DIVIDE CONTROL (DEFAULT: 0x0001C0)
DIVIDE
MODE
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
00
00
00
00
00
00
0
DM
ID6
ID5
ID4
ID3
ID2
ID1
ID0
C3(0)
C2(0)
C1(0)
DM
0
1
ID6
ID5
ID4
ID3
ID2
ID1
ID0
0
0
101
0
1
0
0
101
1
0
0
0
101
1
1
0
0
110
0
0
...
...
...
...
...
...
...
...
...
...
...
...
...
...
0
1
110
0
0
...
...
...
...
...
...
...
...
...
...
...
...
...
...
1
1
101
1
1
1
1
110
0
0
...
...
119
120 (INTEGER MODE ONLY)
INTEGER DIVIDE RATIO
21 (INTEGER MODE ONLY)
22 (INTEGER MODE ONLY)
23 (INTEGER MODE ONLY)
24
...
...
56 (DEFAULT)
INTEGER
INTEGER DIVIDE RATIO
CONTROL BITS
DIVIDE MODE
FRACTIONAL (DEFAULT)
1
1
110
0
1
1
1
110
1
0
1
1
110
1
1
121 (INTEGER MODE ONLY)
122 (INTEGER MODE ONLY)
123 (INTEGER MODE ONLY)
RESERVED
Figure 13. Register 0—Integer Divide Control Register Map
REGISTER 1—MODULUS DIVIDE CONTROL (DEFAULT: 0x003001)
MODULUS VALUE
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
0
0
0
0
MD10
MD9
MD8
MD7
MD6
MD5
MD4
MD3
MD2
MD1
MD0
C3(0)
C2(0)
C1(1)
MD10
MD9
MD8
MD7
MD6
MD5
MD4
MD3
MD2
MD1
MD0
0
00
0000
0001
0
00
0000
0010
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
MODULUS VALUE
CONTROL BITS
1
2
...
...
1
10
0000
0000
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
1
11
1111
1111
...
...
2047
1536 (DEFAULT)
RESERVED
Figure 14. Register 1—Modulus Divide Control Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com