Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1364 Datasheet(PDF) 9 Page - ams AG

Part # AS1364
Description  1A, Low-Dropout Linear Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1364 Datasheet(HTML) 9 Page - ams AG

Back Button AS1364 Datasheet HTML 5Page - ams AG AS1364 Datasheet HTML 6Page - ams AG AS1364 Datasheet HTML 7Page - ams AG AS1364 Datasheet HTML 8Page - ams AG AS1364 Datasheet HTML 9Page - ams AG AS1364 Datasheet HTML 10Page - ams AG AS1364 Datasheet HTML 11Page - ams AG AS1364 Datasheet HTML 12Page - ams AG AS1364 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
www.austriamicrosystems.com
Revision 1.05
9 - 15
AS1364
Datasheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS1364 output voltage is factory-trimmed or is adjustable from +1.2 to +5V, and is guaranteed to supply 1A of out-
put current. The device consists of a +1.20V internal reference, error amplifier, MOSFET driver, P-channel pass tran-
sistor, internal feedback voltage-divider and a comparator (see Figure 16).
Figure 16. AS1364 - Block Diagram
The +1.20V reference is connected to the inverting input of the error amplifier, which compares this reference with the
selected feedback voltage and amplifies the difference.
The MOSFET driver reads the error signal and applies the appropriate drive to the P-channel transistor. If the feedback
voltage is lower than the reference, the pass transistor gate is pulled lower, allowing more current to pass increasing
the output voltage. If the feedback voltage is too high, the pass transistor gate is pulled up, allowing less current to
pass to the output.
The low VOUT comparator senses when the feedback voltage has dropped 6% below its expected level, causing POK
to go low.
The output voltage is fed back through either an internal resistor-divider connected to OUT or an external resistor net-
work connected to SET. The comparator examines VSET/BYP and selects the feedback path. If VSET/BYP is below
50mV, the internal feedback path is used and the output is regulated to the factory-preset voltage.
AS1364
+
–
Shutdown
Logic
+
–
94%VREF
+
–
100mV
+
–
R1
COUT
4.7µF
R2
+
–
RPOK
100kΩ
MOSFET
Driver
w/ILIM
Thermal
Sensor
4
IN
6
OUT
2
EN
1
POK
7
SET/BYP
8
GND
CIN
4.7µF
VIN
2.0V to 5.5V
VOUT Logic
Supply Voltage
To Controller
Error
Amplifier
On
Off
1.20V
Reference
VOUT
1.2V to 5.0V
3
IN
5
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com