Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1364 Datasheet(PDF) 4 Page - ams AG

Part # AS1364
Description  1A, Low-Dropout Linear Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1364 Datasheet(HTML) 4 Page - ams AG

  AS1364 Datasheet HTML 1Page - ams AG AS1364 Datasheet HTML 2Page - ams AG AS1364 Datasheet HTML 3Page - ams AG AS1364 Datasheet HTML 4Page - ams AG AS1364 Datasheet HTML 5Page - ams AG AS1364 Datasheet HTML 6Page - ams AG AS1364 Datasheet HTML 7Page - ams AG AS1364 Datasheet HTML 8Page - ams AG AS1364 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.austriamicrosystems.com
Revision 1.05
4 - 15
AS1364
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VIN = VOUT(NOM) + 500mV or VIN = +2.0V (whichever is greater),CIN = COUT = 4.7µF, EN = IN, TAMB = -40°C to +85ºC
(unless otherwise specified). Typical values are at TAMB = +25ºC.
Table 4. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIN
Input Voltage
2.0
5.5
V
VPOR
Power On Reset
Falling, 100mV hysteresis
1.79
1.87
1.95
V
Output Voltage Accuracy
(Preset Mode)
IOUT = 250mA, TAMB = +25ºC
-0.75
+0.75
%
IOUT = 250mA
-1.5
+1.5
IOUT = 1mA to 1A, VIN > (VOUT + 0.5V)
1
-2
+2
VOUT
Adjustable Output Voltage
Range
1.2
5.3
V
VSET/BYP
SET/BYP Voltage Threshold
(Adjustable Mode)
VIN = 2.5V, IOUT = 250mA,
VOUT set to 2.0V
1.17
1.20
1.23
V
IOUT
Guaranteed Output Current
(RMS)
1A
ILIMIT
Short-Circuit Current Limit
VOUT = 0
1.1
1.5
2.3
A
In-Regulation Current Limit
VOUT > 96% of nominal value, VIN
≥ 2.0V
1.5
A
SET/BYP Threshold
50
100
150
mV
ISET
SET/BYP Input Bias Current
VSET/BYP = 1.20V
-100
+100
nA
IQ
Ground-Pin Current
IOUT = 100µA
35
150
µA
IOUT = 1A
75
200
VIN -
VOUT
Dropout Voltage
2
IOUT = 250mA, VOUT = 3.3V
35
85
mV
IOUT = 1A, VOUT = 3.3V
140
320
ΔVLNR
Line Regulation
VIN from (VOUT + 100mV) to 5.5V,
ILOAD = 5mA
-0.125
+0.125
%/V
ΔVLDR
Load Regulation
IOUT = 1mA to 1A
0.001
%/mA
PSRR
Ripple Rejection
f = 1kHz, IOUT = 10mA, CBYP = 10nF
78
dB
f = 1kHz, IOUT = 10mA
72
f = 10kHz, IOUT = 10mA, CBYP = 10nF
75
f = 10kHz, IOUT = 10mA
65
f = 100kHz, IOUT = 10mA, CBYP = 10nF
54
f = 100kHz, IOUT = 10mA
46
Output Voltage Noise
100Hz to 100kHz, COUT = 3.3µF,
CBYP = 10nF;
10
µVRMS
100Hz to 100kHz, COUT = 3.3µF;
50
10Hz to 1MHz, COUT = 3.3µF,
CBYP = 10nF;
45
10Hz to 1MHz, COUT = 3.3µF;
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com