Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1364 Datasheet(PDF) 5 Page - ams AG

Part # AS1364
Description  1A, Low-Dropout Linear Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1364 Datasheet(HTML) 5 Page - ams AG

  AS1364 Datasheet HTML 1Page - ams AG AS1364 Datasheet HTML 2Page - ams AG AS1364 Datasheet HTML 3Page - ams AG AS1364 Datasheet HTML 4Page - ams AG AS1364 Datasheet HTML 5Page - ams AG AS1364 Datasheet HTML 6Page - ams AG AS1364 Datasheet HTML 7Page - ams AG AS1364 Datasheet HTML 8Page - ams AG AS1364 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.austriamicrosystems.com
Revision 1.05
5 - 15
AS1364
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Note: All limits are guaranteed. The parameters with min and max values are guaranteed with production tests or
SQC (Statistical Quality Control) methods.
Shutdown
IOFF
Shutdown Supply Current
EN = GND, VIN = 5.5V, TAMB = 25°C
0.01
0.5
µA
EN = GND, VIN = 5.5V
0.1
15
VIH
EN Input Threshold
2.0V < VIN < 5.5V
1.6
V
VIL
2.0V < VIN < 5.5V
0.6
V
ISHDNN
EN Input Bias Current
EN = IN or GND, TAMB = +25ºC
1
nA
TAMB = +85ºC
5
POK Output
VOL
POK Output Low Voltage
POK sinking 1mA
0.05
0.25
V
Operating Voltage Range for
Valid POK Signal
POK sinking 100µA
1.1
5.5
V
POK Output High leakage
Current
POK = 5.5V, TAMB = +25ºC
1
nA
TAMB = +85ºC
5
POK Threshold
Rising edge (referenced to VOUT(NOM))90
94
98
%
Thermal Protection
TSHDNN
Thermal Shutdown
Temperature
170
ºC
ΔTSHDNN Thermal Shutdown Hysteresis
20
ºC
1. Guaranteed by production test of load regulation and line regulation.
2. Dropout voltage is defined as VIN - VOUT, when VOUT is 100mV below the value of VOUT measured for VIN =
(VOUT(NOM) + 500mV). Since the minimum input voltage is 2.0V, this specification is only valid when VOUT(NOM)
> 2.0V.
Table 4. Electrical Characteristics (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com