Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1364 Datasheet(PDF) 11 Page - ams AG

Part # AS1364
Description  1A, Low-Dropout Linear Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1364 Datasheet(HTML) 11 Page - ams AG

Back Button AS1364 Datasheet HTML 7Page - ams AG AS1364 Datasheet HTML 8Page - ams AG AS1364 Datasheet HTML 9Page - ams AG AS1364 Datasheet HTML 10Page - ams AG AS1364 Datasheet HTML 11Page - ams AG AS1364 Datasheet HTML 12Page - ams AG AS1364 Datasheet HTML 13Page - ams AG AS1364 Datasheet HTML 14Page - ams AG AS1364 Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
www.austriamicrosystems.com
Revision 1.05
11 - 15
AS1364
Datasheet - D e t a i l e d D e s c r i p t i o n
Current Limiter
The AS1364 features current limiting circuitry that monitors the pass transistor, limiting short-circuit output current to
1.5A (typ). The circuitry of the AS1364 allows that the output can be shorted to ground for an indefinite period of time
without damaging the device.
Internal P-Channel Pass Transistor
The AS1364 features a 1A P-channel MOSFET pass transistor and consumes only a maximum of 200µA of quiescent
current under heavy loads as well as in dropout.
Thermal Protection
Integrated thermal overload protection limits the total power dissipation in the AS1364. When the junction temperature
(TJ) exceeds +170ºC typically, the pass transistor is turned off. Normal operation is continued when TJ drops approxi-
mately 20ºC.
Note: Regardless of the hysteresis, continuous short-circuit condition will result in a pulsed output.
Operating Region and Power Dissipation
Maximum power dissipation of the AS1364 depends on the thermal resistance of the package and the PCB, the tem-
perature difference between the die junction and ambient air, and the rate of air flow.
The power dissipated in the device is given as:
The maximum power dissipation is calculated:
Where:
TJ(MAX) - TAMB is the temperature difference between the device die junction and the surrounding air.
θJC is the thermal resistance of the junction to the case.
θJA is the thermal resistance from the case through the PCB, copper traces, and other materials to the surrounding air.
Connect the exposed thermal pad and GND to circuit ground by using a large pad, or multiple vias to the ground plane.
(EQ 3)
PD
I
OUT
V
IN
V
OUT
–
()
×
=
(EQ 4)
PDMAX
T
JMAX
()
T
AMB
–
θ
JC
θ
JA
+
---------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com