Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1364 Datasheet(PDF) 2 Page - ams AG

Part # AS1364
Description  1A, Low-Dropout Linear Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1364 Datasheet(HTML) 2 Page - ams AG

  AS1364 Datasheet HTML 1Page - ams AG AS1364 Datasheet HTML 2Page - ams AG AS1364 Datasheet HTML 3Page - ams AG AS1364 Datasheet HTML 4Page - ams AG AS1364 Datasheet HTML 5Page - ams AG AS1364 Datasheet HTML 6Page - ams AG AS1364 Datasheet HTML 7Page - ams AG AS1364 Datasheet HTML 8Page - ams AG AS1364 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.austriamicrosystems.com
Revision 1.05
2 - 15
AS1364
Datasheet - P i n o u t
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 2. Pin Descriptions
Pin Number
Pin Name
Description
1POK
Note: Open-Drain POK Output. POK remains low while VOUT is below the POK
threshold. Connect a 100k
Ω pull-up resistor from this pin to OUT to obtain an output
voltage (see Figure 1 on page 1).
2EN
Active-Low Shutdown Input. A logic low disables the output and reduces the
supply current to 0.1µA. In shutdown, the POK output is low and OUT high
impedance.
VDD: Normal operation.
GND: Shutdown.
3, 4
IN
2.0V to 5.5V Supply Voltage. Bypass with a 4.7µF input capacitor to GND (see
Capacitor Selection and Regulator Stability on page 12). These inputs are internally
connected, but they also must be externally connected for proper operation.
5, 6
OUT
Regulator Output. Bypass with a 4.7µF low-ESR output capacitor to GND. Connect
the OUT pins together externally.
7
SET/BYP
Voltage-Setting Input. Connect to GND to select the factory-preset output voltage.
Connect this pin to an external resistor-divider for adjustable-output operation (see
Figure 1 on page 1). (AS1364-AD only)
Bypass Pin. Connect a 10nF capacitor from this pin to OUT to improve PSRR and
noise performance. (AS1364-AD does not offer this feature)
8
GND
Ground
5OUT
3
IN
2
EN
1
POK
6OUT
7 SET/BYP
8GND
AS1364
4
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com