Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1374 Datasheet(PDF) 7 Page - ams AG

Part # AS1374
Description  200mA, Ultra-Low-Noise, High-PSRR, Dual Low Dropout Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1374 Datasheet(HTML) 7 Page - ams AG

Back Button AS1374 Datasheet HTML 3Page - ams AG AS1374 Datasheet HTML 4Page - ams AG AS1374 Datasheet HTML 5Page - ams AG AS1374 Datasheet HTML 6Page - ams AG AS1374 Datasheet HTML 7Page - ams AG AS1374 Datasheet HTML 8Page - ams AG AS1374 Datasheet HTML 9Page - ams AG AS1374 Datasheet HTML 10Page - ams AG AS1374 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.austriamicrosystems.com
Revision 1.03
7 - 14
AS1374
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 15. Shutdown Current vs. Input Voltage
Figure 16. Load Regulation vs. Temperature
0
10
20
30
40
50
60
0.5
1
1.5
2
2.533.5
44.5
55.5
Input Voltage (V)
-40°C
+25°C
+85°C
-0.0012
-0.001
-0.0008
-0.0006
-0.0004
-0.0002
0
-45 -30 -15
0
15
30
45
60
75
90
Temperature (°C)
CH1
CH2
Figure 17. Line Regulation vs. Load Current
Figure 18. Line Regulation vs. Temperature
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0
25
50
75
100 125
150 175 200
Load Current (mA)
-40°C
+25°C
+85°C
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
-45 -30 -15
0
15
30
45
60
75
90
Temperature (°C)
Iload = 1mA
Iload = 10mA
Iload = 100mA
Iload = 200mA
Figure 19. Load Transient Response, Crosstalk,
between CH1 and CH2, IOUT = 200mA
Figure 20. Load Transient Response near Dropout,
IOUT = 200mA
20µs/Div
20µs/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com