Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1374 Datasheet(PDF) 10 Page - ams AG

Part # AS1374
Description  200mA, Ultra-Low-Noise, High-PSRR, Dual Low Dropout Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1374 Datasheet(HTML) 10 Page - ams AG

Back Button AS1374 Datasheet HTML 6Page - ams AG AS1374 Datasheet HTML 7Page - ams AG AS1374 Datasheet HTML 8Page - ams AG AS1374 Datasheet HTML 9Page - ams AG AS1374 Datasheet HTML 10Page - ams AG AS1374 Datasheet HTML 11Page - ams AG AS1374 Datasheet HTML 12Page - ams AG AS1374 Datasheet HTML 13Page - ams AG AS1374 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.austriamicrosystems.com
Revision 1.03
10 - 14
AS1374
Datasheet - D e t a i l e d D e s c r i p t i o n
Current Limit
The AS1374 include a current limiting circuitry to monitor and control the P-channel MOSFET pass transistor’s gate
voltage, thus limiting the device output current to 300mA.
Note:
See Table 3 on page 4 for the recommended min and max current limits. The output can be shorted to ground
indefinitely without causing damage to the device.
Thermal Protection
Integrated thermal protection circuitry limits total power dissipation in the AS1374. When the junction temperature (TJ)
exceeds +160ºC, the thermal sensor signals the shutdown logic, turning off the P-channel MOSFET pass transistor
and allowing the device to cool down. The thermal sensor turns the pass transistor on again after the device’s junction
temperature drops by 15ºC, resulting in a pulsed output during continuous thermal-overload conditions.
Note:
Thermal protection is designed to protect the devices in the event of fault conditions. For continuous operation,
do not exceed the absolute maximum junction temperature rating of +150ºC.
Operating Region and Power Dissipation
The AS1374 maximum power dissipation is dependant on the thermal resistance of the case and PCB, the tempera-
ture difference between the die junction and TAMB, and airflow rate.
Power dissipation across the device is calculated as:
PD = IOUT (VIN - VOUT)(EQ 1)
The maximum power dissipation is calculated:
PDMAX = (TJ - TAMB)/
θJA
(EQ 2)
Where:
TJ - TAMB is the temperature difference between the AS1374 die junction and the surrounding air;
θJA is the thermal resistance through the circuit board, copper traces, and other materials to the surrounding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com