Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1374 Datasheet(PDF) 11 Page - ams AG

Part # AS1374
Description  200mA, Ultra-Low-Noise, High-PSRR, Dual Low Dropout Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1374 Datasheet(HTML) 11 Page - ams AG

Back Button AS1374 Datasheet HTML 6Page - ams AG AS1374 Datasheet HTML 7Page - ams AG AS1374 Datasheet HTML 8Page - ams AG AS1374 Datasheet HTML 9Page - ams AG AS1374 Datasheet HTML 10Page - ams AG AS1374 Datasheet HTML 11Page - ams AG AS1374 Datasheet HTML 12Page - ams AG AS1374 Datasheet HTML 13Page - ams AG AS1374 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
www.austriamicrosystems.com
Revision 1.03
11 - 14
AS1374
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
Capacitor Selection and Regulator Stability
For normal operation, use a 1µF capacitor at pin VDD and a 1µF capacitor at pin OUT. Larger input capacitor values
and lower ESR provide better noise rejection and line-transient response. Reduce output noise and improve load-tran-
sient response, stability, and power-supply rejection by using large output capacitors.
Note:
Some ceramic dielectrics exhibit large capacitance and ESR variation with temperature. With dielectrics such
as Z5U and Y5V, it may be necessary to use a 2.2µF or larger output capacitor to ensure stability at tempera-
tures below -10°C. With X7R or X5R dielectrics, 1µF is sufficient at all operating temperatures.
Noise, PSRR, and Transient Response
The AS1374 is designed to deliver ultra-low noise and high PSRR, as well as low dropout and low quiescent currents
in battery-powered systems. The power-supply rejection is 85dB at 1kHz and 50dB at 100kHz. (see Figure 8 on page
5).
When operating from sources other than batteries, improved supply-noise rejection and transient response can be
achieved by increasing the values of the input and output capacitors, and through passive filtering techniques.
The Figure 19, Figure 20 on page 7 and Figure 21 on page 8 show the AS1374 Load- and Line- Transient Responses.
Dropout Voltage
The AS1374 minimum dropout voltage determines the lowest usable supply voltage. In battery-powered systems, this
determines the useful end-of-life battery voltage.
Since the AS1374 use a P-channel MOSFET pass transistor, the dropout voltage is a function of drain-to-source on-
resistance (RDS(ON)) multiplied by ILOAD (see Figure 7 on page 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com