Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1374 Datasheet(PDF) 1 Page - ams AG

Part # AS1374
Description  200mA, Ultra-Low-Noise, High-PSRR, Dual Low Dropout Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1374 Datasheet(HTML) 1 Page - ams AG

  AS1374 Datasheet HTML 1Page - ams AG AS1374 Datasheet HTML 2Page - ams AG AS1374 Datasheet HTML 3Page - ams AG AS1374 Datasheet HTML 4Page - ams AG AS1374 Datasheet HTML 5Page - ams AG AS1374 Datasheet HTML 6Page - ams AG AS1374 Datasheet HTML 7Page - ams AG AS1374 Datasheet HTML 8Page - ams AG AS1374 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AS1374
200mA, Ultra-Low-Noise, High-PSRR, Dual Low
Dropout Regulators
www.austriamicrosystems.com
Revision 1.03
1 - 14
Datasheet
1 General Description
The AS1374 is a ultra-low-noise, low-dropout linear reg-
ulator with two seperated outputs. Specifically designed
to deliver 200mA continuous output current at each out-
put pin. The LDOs can achieve a low 120mV dropout for
200mA load current and are designed and optimized to
work with low-cost, small-capacitance ceramic capaci-
tors.
An integrated P-channel MOSFET pass transistor allows
the devices to maintain extremely low quiescent current
(30µA).
The AS1374 uses an advanced architecture to achieve
ultra-low output voltage noise of 20µVRMS and a power-
supply rejection-ratio of better than 85dB (@ 1kHz).
Two active-High enable pins allows to switch on or off
each output independently from each other.
The AS1374 requires only 1µF output capacitor for sta-
bility at any load.
The device is available in a 6-bump WLP package.
Figure 1. AS1374 - Typical Application Circuit
2 Key Features
!
Preset Output Voltages: 1.2 to 3.6V (in 50mV steps)
!
Output Noise: 20µVRMS @ 100Hz to 100kHz
!
Power-Supply Rejection Ratio: 85dB @ 1kHz
!
Low Dropout: 120mV @ 200mA Load
!
Stable with 1µF Ceramic Capacitor for any Load
!
Guaranteed 200mA Output
!
Pull-Down Option in Shutdown (factory set)
!
Extremely-Low Quiescent Current: 30µA
!
Excellent Load/Line Transient
!
Overcurrent and Thermal Protection
!
6-bump WLP Package
3 Applications
The devices are ideal for mobile phones, wireless
phones, PDAs, handheld computers, mobile phone
base stations, Bluetooth portable radios and accesso-
ries, wireless LANs, digital cameras, personal audio
devices, and any other portable, battery-powered appli-
cation.
AS1374
5
GND
4
EN 2
2
VDD
3
OUT 1
6
EN 1
CIN
1µF
Input
2V to 5.5V
Output1
1.2V to 3.6V
1
OUT 2
COUT1
1µF
COUT2
1µF
Output2
1.2V to 3.6V


Similar Part No. - AS1374

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1374 AMSCO-AS1374 Datasheet
1Mb / 19P
Dual 200mA, Low-Noise, High-PSRR, Low Dropout Regulators
AS1374-BWLT AMSCO-AS1374-BWLT Datasheet
1Mb / 19P
Dual 200mA, Low-Noise, High-PSRR, Low Dropout Regulators
AS1374-BWLT-285 AMSCO-AS1374-BWLT-285 Datasheet
1Mb / 19P
Dual 200mA, Low-Noise, High-PSRR, Low Dropout Regulators
AS1374-BWLT1212 AMSCO-AS1374-BWLT1212 Datasheet
1Mb / 19P
Dual 200mA, Low-Noise, High-PSRR, Low Dropout Regulators
AS1374-BWLT1214 AMSCO-AS1374-BWLT1214 Datasheet
1Mb / 19P
Dual 200mA, Low-Noise, High-PSRR, Low Dropout Regulators
More results

Similar Description - AS1374

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8510 MAXIM-MAX8510_06 Datasheet
403Kb / 11P
Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 3; 5/06
logo
Texas Instruments
TPS71812 TI-TPS71812 Datasheet
774Kb / 23P
Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI-TPS718XX_08 Datasheet
849Kb / 23P
Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71812-33 TI1-TPS71812-33 Datasheet
905Kb / 24P
Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
logo
ams AG
AS1374 AMSCO-AS1374_04 Datasheet
1Mb / 19P
Dual 200mA, Low-Noise, High-PSRR, Low Dropout Regulators
logo
Texas Instruments
TPS723 TI-TPS723_15 Datasheet
1Mb / 25P
TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_16 Datasheet
1Mb / 26P
Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS72301 TI1-TPS72301_16 Datasheet
1Mb / 25P
200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_17 Datasheet
1Mb / 26P
Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS72301 TI1-TPS72301_V01 Datasheet
1Mb / 25P
TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com