Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1374 Datasheet(PDF) 6 Page - ams AG

Part # AS1374
Description  200mA, Ultra-Low-Noise, High-PSRR, Dual Low Dropout Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1374 Datasheet(HTML) 6 Page - ams AG

Back Button AS1374 Datasheet HTML 2Page - ams AG AS1374 Datasheet HTML 3Page - ams AG AS1374 Datasheet HTML 4Page - ams AG AS1374 Datasheet HTML 5Page - ams AG AS1374 Datasheet HTML 6Page - ams AG AS1374 Datasheet HTML 7Page - ams AG AS1374 Datasheet HTML 8Page - ams AG AS1374 Datasheet HTML 9Page - ams AG AS1374 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.austriamicrosystems.com
Revision 1.03
6 - 14
AS1374
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 9. Ground Pin Current vs. Load Current
Figure 10. Ground Pin Current vs. Temperature
23
24
25
26
27
28
29
30
31
32
33
0
25
50
75
100
125
150
175
200
Load Current (mA)
-40°C
+25°C
+85°C
25
26
27
28
29
30
-45
-30 -15
0
15
30
45
60
75
90
Temperature (°C)
Figure 11. Ground Pin Current vs. Input Voltage;
one Channel on, no Load
Figure 12. Ground Pin Current vs. Input Voltage;
one Channel on, ILOAD = 200mA
0
10
20
30
40
50
60
012
345
Input Voltage (V)
-40°C
+25°C
+85°C
0
10
20
30
40
50
60
3.35
3.85
4.35
4.85
5.35
Input Voltage (V)
-40°C
+25°C
+85°C
Figure 13. Ground Pin Current vs. Input Voltage;
both Channels on, no Load
Figure 14. Ground Pin Current vs. Input Voltage;
both Channels on, ILOAD = 200mA
0
10
20
30
40
50
60
70
80
90
100
0
1
23
45
Input Voltage (V)
-40°C
+25°C
+85°C
0
10
20
30
40
50
60
70
80
90
100
3.35
3.85
4.35
4.85
5.35
Input Voltage (V)
-40°C
+25°C
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com